Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX2SS-12V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # TX2SS-12V
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SS-12V Datasheet(HTML) 6 Page - Panasonic Semiconductor

  TX2SS-12V Datasheet HTML 1Page - Panasonic Semiconductor TX2SS-12V Datasheet HTML 2Page - Panasonic Semiconductor TX2SS-12V Datasheet HTML 3Page - Panasonic Semiconductor TX2SS-12V Datasheet HTML 4Page - Panasonic Semiconductor TX2SS-12V Datasheet HTML 5Page - Panasonic Semiconductor TX2SS-12V Datasheet HTML 6Page - Panasonic Semiconductor TX2SS-12V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TX
6
ds_61022_en_tx: 060213D
DIMENSIONS (mm inch)
1. Standard PC board terminal
2. Surface-mount terminal
Type
External dimensions (General tolerance:
0.3 .012)
Suggested mounting pad (Top view) (Tolerance:
0.1 .004)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
SA type
SS type
11. Pulse dialing test
Tested sample: TX2-5V, 6 pcs.
(35 mA 48 V DC wire spring relay load)
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
48V DC
458
Ω
0.08
μF
0.08
μF
458
Ω
4
3
TX
+
Wire spring relay
0
10
20
50
30
10
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
40
No. of operation,
×104
Pick-up voltage
Drop-out voltage
50
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
No. of operations,
×104
Note: Data of surface-mount type are the same as those of PC board terminal type.
Download
from our Web site.
CAD Data
CAD Data
CAD Data
Single side stable and 1 coil latching type
External dimensions
Standard PC board terminal
General tolerance:
0.3 .012
2 coil latching type (L2, LT)
External dimensions
Standard PC board terminal
General tolerance:
0.3 .012
15.00
.591
7.40
.291
0.25
.010
1.15
.020
0.50
5.08
2.54
.045
.200
.100
5.08
.200
8.20
.323
3.50
.138
.026
0.65
15.00
1.15
.020
5.08
2.54
7.40
5.08
0.25
.591
0.50
.045
.200
.100
.291
.200
.010
.026
0.65
3.50
.138
8.20
.323
PC board pattern
(Bottom view)
Tolerance:
0.1 .004
5.08
2.54
8-1.0 dia.
10.16
.200
.100
8-.039 dia.
.400
Schematic (Bottom view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
12
10 9 8
1
3 4 5
+
Direction indication
12
10 9 8
1
3 4 5
+
PC board pattern
(Bottom view)
Tolerance:
0.1 .004
5.08
2.54
10-1.0 dia.
12.7
.200
.100
10-.039 dia.
.500
Schematic (Bottom view)
2 coil latching (L2)
(Reset condition)
2 coil latching (LT)
(Reset condition)
Direction indication
12
10 9 8 7
1
3
4 5 6
+
+
Direction indication
12
10 9 8 7
1
3
4 5 6
+
+
CAD Data
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
.591
15
0.65
.026
5.08
.200
5.08
.200
0.25
.010
0.5
.020
8.2
.323
2.54
.100
Max.10
.394
7.4
±0.5
.291
±.020
.291
7.4
.591
15
0.65
.026
5.08
.200
5.08
.200
0.25
.010
0.5
.020
8.2
.323
2.54
.100
Max.10
.394
7.4
±0.5
.291
±.020
.291
7.4
5.08
.100
2.54
.200
1
.039
.085
2.16
6.24
.246
5.08
.100
2.54
.200
1
.039
.085
2.16
6.24
.246


Similar Part No. - TX2SS-12V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V RADIOMETRIX-TX2S-433-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V-SM RADIOMETRIX-TX2S-433-40-3V-SM Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-434-40-3V RADIOMETRIX-TX2S-434-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TX2SS-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com