Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C460TR3041-0205 Datasheet(PDF) 1 Page - Cree, Inc

Part # C460TR3041-0205
Description  Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460TR3041-0205 Datasheet(HTML) 1 Page - Cree, Inc

  C460TR3041-0205 Datasheet HTML 1Page - Cree, Inc C460TR3041-0205 Datasheet HTML 2Page - Cree, Inc C460TR3041-0205 Datasheet HTML 3Page - Cree, Inc C460TR3041-0205 Datasheet HTML 4Page - Cree, Inc C460TR3041-0205 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• RectangularLEDRfPerformance
− 450&460nm
� TR-30™–30mWmin.
• EpoxyDieAttach
• LowForwardVoltage-3.2VTypicalat20mA
• 1000-VESDThresholdRating
• InGaNJunctiononThermallyConductiveSiC
Substrate
APPLICATIONS
• SmallLCDBacklighting–0.8mm&0.6mm
sideviewpackages
− MobileAppliances
− DigitalCameras
− CarNavigationSystems
• MediumLCDBacklighting–0.8mm&0.6mm
sideviewpackages
− PortablePCs
− Monitors
• LEDVideoDisplays
• GeneralIllumination
TR300™ LEDs
CxxxTR3041-Sxx00
Data Sheet
Cree’sTR™LEDsarethenewestgenerationofsolid-stateLEDemittersthatcombinehighlyefficientInGaNmaterials
withCree’sproprietarydevicetechnologyandsiliconcarbidesubstratestodeliversuperiorvaluefortheLCDsideview
market.TheTRLEDsareamongthebrightestinthesideviewmarketwhiledeliveringalowforwardvoltageresultingin
averybrightandhighlyefficientsolutionforthe0.6-mmand0.8-mmsideviewmarket.Thedesignisoptimallysuited
forindustrystandardsideviewpackagesasitisdieattachablewithclearepoxyandhastwotopcontacts,consistent
withindustrystandardpackaging.
CxxxTR3041-Sxx00 Chip Diagram
Top View
Bottom View
Die Cross Section
Anode(+)
80μmdiameter
TR300LED
300x410μm
Backside
t=140μm
BottomSurface
155x265μm
Cathode(-)
98x98μm


Similar Part No. - C460TR3041-0205

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460TR3041-0205 MARKTECH-C460TR3041-0205 Datasheet
303Kb / 5P
   TR300 LEDs
More results

Similar Description - C460TR3041-0205

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com