Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKNVS472KB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECKNVS472KB
Description  Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKNVS472KB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECKNVS472KB Datasheet HTML 1Page - Panasonic Semiconductor ECKNVS472KB Datasheet HTML 2Page - Panasonic Semiconductor ECKNVS472KB Datasheet HTML 3Page - Panasonic Semiconductor ECKNVS472KB Datasheet HTML 4Page - Panasonic Semiconductor ECKNVS472KB Datasheet HTML 5Page - Panasonic Semiconductor ECKNVS472KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Note: @-- Capacitance Tolerance Code K (±10 %) or M(±20 %)
n Rating and Characteristics
l Type NS-A (IEC60384-14 Sub-class Y1, X1) Rating and Characteristics
áRedial Taped version is available.
(Lead space is available only in 10 mm)
á@:Capacitance Tolerance Code
K:(±10 %) or M(±20 %)
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Kimked Lead Taped Type
Cap.
Tol.
Temp.
D max.
T
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
in pF
(%)
Char.
(Tol.)
max.
Fd
Type
Fd
100 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS101@B
7.5 0.65
ECKNTS101
@B
N1
7.5
0.65
150 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS151@B
7.5 0.65
ECKNTS151
@B
N1
7.5
0.65
220 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS221@B
7.5 0.65
ECKNTS221
@B
N1
7.5
0.65
330 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS331@B
7.5 0.65
ECKNTS331
@B
N1
7.5
0.65
470 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS471@B
7.5 0.65
ECKNTS471
@B
N1
7.5
0.65
680 ±10 or ±20 B/Y5P
9.0(8.0±1.0) 7.0 ECKATS681@B
7.5 0.65
ECKNTS681
@B
N1
7.5
0.65
1000 ±10 or ±20 B/Y5P 10.5(9.5±1.0) 7.0 ECKATS102@B
7.5 0.65
ECKNTS102
@B
N1
7.5
0.65
1000
±20
E/Y5U
8.0(7.0±1.0) 7.0 ECKATS102ME
7.5 0.65
ECKNTS102ME
N1
7.5
0.65
1500
±20
E/Y5U
9.0(8.0±1.0) 7.0 ECKATS152ME
7.5 0.65
ECKNTS152ME
N1
7.5
0.65
2200
±20
E/Y5U
9.5(9.0±1.0) 7.0 ECKATS222ME
7.5 0.65
ECKNTS222ME
N1
7.5
0.65
3300
±20
E/Y5U 12.5(11.5±1.0) 7.0 ECKATS332ME
7.5 0.65
ECKNTS332ME
N1
7.5
0.65
4700
±20
E/Y5U 15.0(14.0±1.0) 7.0 ECKATS472ME 10.0 0.65
ECKNTS472ME
N2
7.5
0.65
4700
±20
F/Y5V 12.5(11.5±1.0) 7.0 ECKATS472MF
7.5 0.65
ECKNTS472MF
N1
7.5
0.65
10000
±20
F/Y5V 17.0(16.0±1.5) 7.0 ECKATS103MF 10.0 0.65
ECKNTS103MF
N2
7.5
0.65
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Cap.
Tol.
Temp.
DT
Part Number
Dim. in mm
in pF
(%)
Char.
max.
max.
F
d
100
±10 or ±20
B
11.0
8.0
ECKANA101
@B 10.0 0.65
150
±10 or ±20
B
11.0
8.0
ECKANA151
@B 10.0 0.65
220
±10 or ±20
B
11.0
8.0
ECKANA221
@B 10.0 0.65
330
±10 or ±20
B
11.0
8.0
ECKANA331
@B 10.0 0.65
470
±10 or ±20
B
11.0
8.0
ECKANA471
@B 10.0 0.65
680
±10 or ±20
B
11.0
8.0
ECKANA681
@B 10.0 0.65
1000
±10 or ±20
B
11.0
8.0
ECKANA102
@B 10.0 0.65
1000
±20
E
10.0
8.0
ECKANA102ME
10.0 0.65
1500
±20
E
11.0
8.0
ECKANA152ME
10.0 0.65
2200
±20
E
11.0
8.0
ECKANA222ME
10.0 0.65
3300
±20
E
13.0
8.0
ECKANA332ME
10.0 0.65
4700
±20
E
16.0
8.0
ECKANA472ME
10.0 0.65
Ceramic Disc Capacitors (Safety Regulations)
l Type TS (IEC60384-14 Sub-class Y2, X1) Rating and Characteristics
Cap. Capacitance Temp. Dimensions in mm
Kinked Lead Type (Bulk)
Kinked Lead Taped Type
in pF
Tolerance
Char.
DT
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
(%)
max.
max.
F
d
Type
Fd
10 ±0.5pF or ±1pF SL/GP
8.0
6.0
ECCAVS100
@G* 5.0
0.60
ECCNVS100
@G* N0
5.0
0.60
15
±5 or ±10 SL/GP
8.0
6.0
ECCAVS150
@G* 5.0
0.60
ECCNVS150
@G* N0
5.0
0.60
22
±5 or ±10 SL/GP
8.0
6.0
ECCAVS220
@G* 5.0
0.60
ECCNVS220
@G* N0
5.0
0.60
33
±5 or ±10 SL/GP
8.0
6.0
ECCAVS330
@G
5.0
0.60
ECCNVS330
@G N0
5.0
0.60
47
±5 or ±10 SL/GP
8.0
6.0
ECCAVS470
@G
5.0
0.60
ECCNVS470
@G N0
5.0
0.60
68
±5 or ±10 SL/GP
8.0
6.0
ECCAVS680
@G
5.0
0.60
ECCNVS680
@G N0
5.0
0.60
100 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS101
@B
5.0
0.60
ECKNVS101
@B
N0
5.0
0.60
150 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS151
@B
5.0
0.60
ECKNVS151
@B
N0
5.0
0.60
220 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS221
@B
5.0
0.60
ECKNVS221
@B
N0
5.0
0.60
330 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS331
@B
5.0
0.60
ECKNVS331
@B
N0
5.0
0.60
470 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS471
@B
5.0
0.60
ECKNVS471
@B
N0
5.0
0.60
680 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS681
@B
5.0
0.60
ECKNVS681
@B
N0
5.0
0.60
1000
±20
E/Y5U
8.0
6.0
ECKAVS102ME
5.0
0.60
ECKNVS102ME
N0
5.0
0.60
1500
±20
E/Y5U
8.0
6.0
ECKAVS152ME
5.0
0.60
ECKNVS152ME
N0
5.0
0.60
2200
±20
E/Y5U
9.0
6.0
ECKAVS222ME
5.0
0.60
ECKNVS222ME
N0
5.0
0.60
3300
±20
E/Y5U
10.0
6.0
ECKAVS332ME
5.0
0.60
ECKNVS332ME
N0
5.0
0.60
4700
±20
E/Y5U
11.0
6.0
ECKAVS472ME
5.0
0.60
ECKNVS472ME
N0
5.0
0.60
4700
±20
F/Y5V
10.0
6.0
ECKAVS472MF
5.0
0.60
ECKNVS472MF
N0
5.0
0.60
10000
±20
F/Y5V
14.0
6.0
ECKAVS103MF
7.5
0.65
ECKNVS103MF
N1
7.5
0.65
l Type VS (IEC60384-14 Sub-class Y2, X1 Smaller type) Rating and Characteristics
Note 1: Dimensions ÒFÓ(Lead Space) of 7.5mm is available instead of 5.0 mm only by special order.
2: @-- Capacitance Tolerance Code D (±0.5 pF) or F (±1 pF) or J (±5 %) or K(±10 %) or M(±20 %)
3: * -- except for VDE and KTL.
Remark
áType NS-A is approved by BSI and VDE for
Reinforced Body Insulation (0.4 mm min.)
BSI (UK)
GB386W
CB certification No.
VDE (Germay)
087469
087472
Certification No.


Similar Part No. - ECKNVS472KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKNVS472ME PANASONIC-ECKNVS472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECKNVS472MF PANASONIC-ECKNVS472MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results

Similar Description - ECKNVS472KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
logo
3M Electronics
2131 3M-2131 Datasheet
39Kb / 4P
   3M??Scotchcast??Flame-Retardant Electrical Insulating Resin 2131
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
   FLAME RETARDANT ABS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com