Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPS-2385W-D600G Datasheet(PDF) 10 Page - Optoway Technology Inc

Part # XPS-2385W-D600G
Description  10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2385W-D600G Datasheet(HTML) 10 Page - Optoway Technology Inc

Back Button XPS-2385W-D600G Datasheet HTML 3Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 4Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 5Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 6Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 7Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 8Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 9Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 10Page - Optoway Technology Inc XPS-2385W-D600G Datasheet HTML 11Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Optoway
XPS-2385W-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012
V2.0
10
Table 2 Serial ID Memory Contents (Table 01h)
Address
Field
Size
(Byte)
Name of Filed
Description
Hex
128
1
Identifier
XFP
06
129
1
Ext. Identifier
power consumption < 3.5W, no Ref Colck
required
90
130
1
Connector type
LC connector
07
131~138
8
Transceiver
10GBASE-ER/EW, 10GFC 1200-SM-LL-V
10G SONET/SDH
22 20 00 00 00 00 00 00
139
1
Encoding
64B/66B, 8B10B, SONET Scrambled & NRZ
F0
140
1
BR-Min
9.9Gbps
63
141
1
BR-Max
10.5Gbps
69
142
1
length (SMF)-Km
80 Km
50
143
1
Length (E-50µm)
0 m
00
144
1
Length (50 µm)
0 m
00
145
1
Length (62.5 µm)
0 m
00
146
1
Length (Copper)
0 m
00
147
1
Device Tech
DWDM EML, APD detector
76
148~163
16
Vendor name
OPTOWAY
4F 50 54 4F 57 41 59 20
20 20 20 20 20 20 20 20
164
1
CDR Support
CDR supports 9.953G ~ 10.5G & XFI Loopback E1
165~167
3
Vendor OUI
00 0E FA
168~183
16
Vendor PN
XPS-2385W-DXXXG
58 50 53 2D 32 33 38 35
57 2D 44 3X 3X 3X 47 20
184~185
2
Vendor rev
ASCII (“31 61” means 1a revision)
xx xx
186~187
2
Wavelength
1XXX.XXnm
xx xx
188~189
2
Wavelength
Tolerance
+/- 0.06nm
000C
190
1
Max Case Temp
70deg
46
191
1
CC_BASE
Check sum of Byte 128 -- 190
192~195
4
Power Supply
3.5 Wmax, 1.5W pd_max , 750mA 3.3V, 500
mA 5V
AF 96 A8 00
196~211
16
Vendor SN
ASCII
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
212~219
8
Date code
ASCII Year (2 Byte), Month (2 Byte), Day (2
Byte)
xx xx xx xx xx xx 20 20
220
1
Diagnostic
Monitoring Type
No BER Support, Average Power
08
221
1
Enhanced Options
Optional Soft TX_DISABLE implemented,
Optional Soft P_down implemented
60
222
1
Aux Monitoring
AUX1 for Vcc3, AUX2 for Vcc5
76
223
1
CC_EXT
Check sum of Byte 192 -- 222
224~255
32
Vendor Specific
Reserved
Note: Specifications subject to change without notice.


Similar Part No. - XPS-2385W-D600G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D205G OPTOWAY-XPS-2385MW-D205G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D210G OPTOWAY-XPS-2385MW-D210G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D215G OPTOWAY-XPS-2385MW-D215G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D220G OPTOWAY-XPS-2385MW-D220G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
More results

Similar Description - XPS-2385W-D600G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2381W-D21G OPTOWAY-XPS-2381W-D21G Datasheet
245Kb / 10P
   10Gbps / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2341W-D21G OPTOWAY-XPS-2341W-D21G Datasheet
256Kb / 10P
   10Gbps / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2371W-CXX0G OPTOWAY-XPS-2371W-CXX0G Datasheet
235Kb / 9P
   10Gbps / 70 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-4385W-D200G OPTOWAY-XPS-4385W-D200G Datasheet
245Kb / 11P
   8.5 Gbps/ 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com