Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F0013BT-20E Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC30F0013BT-20E
Description  High-Performance, 16-bit Digital Signal Controllers
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0013BT-20E Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F0013BT-20E Datasheet HTML 7Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 8Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 9Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 10Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 11Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 12Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 13Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 14Page - Microchip Technology DSPIC30F0013BT-20E Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 210 page
background image
© 2010 Microchip Technology Inc.
DS70139G-page 11
dsPIC30F2011/2012/3012/3013
1.0
DEVICE OVERVIEW
This data sheet contains information specific to the
dsPIC30F2011, dsPIC30F2012, dsPIC30F3012 and
dsPIC30F3013 Digital Signal Controllers (DSC). These
devices contain extensive Digital Signal Processor
(DSP) functionality within a high-performance 16-bit
microcontroller (MCU) architecture.
The following block diagrams depict the architecture for
these devices:
• Figure 1-1 illustrates the dsPIC30F2011
• Figure 1-2 illustrates the dsPIC30F2012
• Figure 1-3 illustrates the dsPIC30F3012
• Figure 1-4 illustrates the dsPIC30F3013
Following the block diagrams, Table 1-1 relates the I/O
functions to pinout information.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “16-bit MCU and DSC
Programmer’s
Reference
Manual”
(DS70157).


Similar Part No. - DSPIC30F0013BT-20E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F0013BT-20E MICROCHIP-DSPIC30F0013BT-20E Datasheet
3Mb / 210P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F0013BT-20E/PF-ES MICROCHIP-DSPIC30F0013BT-20E/PF-ES Datasheet
3Mb / 248P
   General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
DSPIC30F0013BT-20E/PT-ES MICROCHIP-DSPIC30F0013BT-20E/PT-ES Datasheet
3Mb / 248P
   General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
DSPIC30F0013BT-20EML-ES MICROCHIP-DSPIC30F0013BT-20EML-ES Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F0013BT-20EP-ES MICROCHIP-DSPIC30F0013BT-20EP-ES Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
More results

Similar Description - DSPIC30F0013BT-20E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com