Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7389-20 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7389-20
Description  10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7389-20 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7389-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7389-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7389-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To
50 Watts Up To 3 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Male
Connector 2
N Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Attenuation Value, dB
10
Maximum Input Power, Watts
50
Maximum VSWR
1.15:1
Frequency 1
Range, GHz
DC to 3
VSWR
1.15:1
Attenuation Accuracy, dB
± 0.3
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.409 [111.99]
Width, in [mm]
1.77 [44.96]
.
Weight, lbs [g]
0.54 [244.94]
Connector 1
Type
N Male
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
N Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated
To 50 Watts Up To 3 GHz PE7389-10
PE7389-10
PE7389-10 REV
10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink
Black Anodized Body Rated To 50 Watts Up To 3 GHz


Similar Part No. - PE7389-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7389-20 PASTERNACK-PE7389-20 Datasheet
248Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
PE7389-20 PASTERNACK-PE7389-20 Datasheet
248Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
PE7389-20 PASTERNACK-PE7389-20 Datasheet
248Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
More results

Similar Description - PE7389-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7389-3 PASTERNACK-PE7389-3 Datasheet
257Kb / 5P
   3 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to 50 Watts Up to 3 GHz
PE7386-10 PASTERNACK-PE7386-10 Datasheet
249Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-3 PASTERNACK-PE7386-3 Datasheet
249Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7388-10 PASTERNACK-PE7388-10 Datasheet
249Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Unidirectional Black Anodized Aluminum Heatsink Body Rated To 50 Watts Up To 3 GHz
PE7394-10 PASTERNACK-PE7394-10 Datasheet
248Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 4 GHz
PE7394-3 PASTERNACK-PE7394-3 Datasheet
248Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 4 GHz
PE7389-20 PASTERNACK-PE7389-20 Datasheet
248Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
PE7389-40 PASTERNACK-PE7389-40 Datasheet
248Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
PE7389-6 PASTERNACK-PE7389-6 Datasheet
247Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
PE7386-15 PASTERNACK-PE7386-15 Datasheet
249Kb / 3P
   15 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com