Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP355XDV-MS1 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP355XDV-MS1
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP355XDV-MS1 Datasheet(HTML) 5 Page - Microchip Technology

  MCP355XDV-MS1 Datasheet HTML 1Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 2Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 3Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 4Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 5Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 6Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 7Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 8Page - Microchip Technology MCP355XDV-MS1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 5
MCP3550/1/3
Voltage Output Low (SDO/RDY)VOL
——
0.4
V
VOH = -1 mA, VDD = 5.0V
Input leakage Current
(CS, SCK)
ILI
-1
1
µA
Internal Pin Capacitance
(CS, SCK, SDO/RDY)
CINT
—5
pF
Note 1
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at -40°C
≤ TA ≤ +85°C, VDD = 2.7V or 5.0V.
VREF = 2.5V. VIN+ = VIN- = VCM = VREF/2. All ppm units use 2*VREF as full scale range. Unless otherwise noted, specification
applies to entire MCP3550/1/3 family.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is established by characterization and not 100% tested.
2:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
3:
This current is due to the leakage current and the current due to the offset voltage between VIN+ and VIN-.
4:
Input impedance is inversely proportional to clock frequency; typical values are for the MCP3550/1 device. VREF =5V.
5:
Characterized by design, but not tested.
6:
Rejection performance depends on internal oscillator accuracy; see Section 4.0 “Device Overview” for more informa-
tion on oscillator and digital filter design. MCP3550/1 device rejection specifications characterized from 49 to 61 Hz.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+125
°C
Thermal Package Resistances
Thermal Resistance, 8L-MSOP
θJA
—211
°C/W
Thermal Resistance, 8L-SOIC
θJA
149.5
°C/W
SERIAL TIMINGS
Electrical Specifications: Unless otherwise indicated, all parameters apply at -40°C
≤ TA ≤ +85°C,
VDD = 3.3V or 5.0V, SDO load = 50 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
CLK Frequency
fSCK
——
5
MHz
CLK High
tHI
90
ns
CLK Low
tLO
90
ns
CLK fall to output data valid
tDO
0—
90
ns
CS low to indicate RDY state
tRDY
0—
50
ns
CS minimum low time
tCSL
50
ns
RDY flag setup time
tSU
20
ns
CS rise to output disable
tDIS
20
ns
CS disable time
tCSD
90
ns
Power-up to CS LOW
tPUCSL
—10
µs
CS High to Shutdown Mode
tCSHSD
—10
µs


Similar Part No. - MCP355XDV-MS1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
MCP3550 MICROCHIP-MCP3550 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
MCP3550-50 MICROCHIP-MCP3550-50 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
MCP3550-50-E/MS MICROCHIP-MCP3550-50-E/MS Datasheet
583Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
MCP3550-50-E/MS MICROCHIP-MCP3550-50-E/MS Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
More results

Similar Description - MCP355XDV-MS1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
MCP3551 MICROCHIP-MCP3551 Datasheet
616Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
MCP3551-ESN MICROCHIP-MCP3551-ESN Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3550-50E-SN MICROCHIP-MCP3550-50E-SN Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com