Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR5270-0306-3 Datasheet(PDF) 5 Page - Cree, Inc

Part # C450TR5270-0306-3
Description  Maximum DC Forward Current - 250 mA Class 2 ESD Rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR5270-0306-3 Datasheet(HTML) 5 Page - Cree, Inc

  C450TR5270-0306-3 Datasheet HTML 1Page - Cree, Inc C450TR5270-0306-3 Datasheet HTML 2Page - Cree, Inc C450TR5270-0306-3 Datasheet HTML 3Page - Cree, Inc C450TR5270-0306-3 Datasheet HTML 4Page - Cree, Inc C450TR5270-0306-3 Datasheet HTML 5Page - Cree, Inc C450TR5270-0306-3 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR5270aretrademarksofCree,Inc.
5
CPR3ET Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTR5270LEDproduct.Actualcurveswillvaryslightlyforthevarious
radiantfluxanddominantwavelengthbins.
0%
25%
50%
75%
100%
125%
150%
175%
200%
0
62.5
125
187.5
250
Relative Intensity vs. Forward Current
If (mA)
-3
-2
-1
0
1
2
3
0
62.5
125
187.5
250
Wavelength Shift vs. Forward Current
If (mA)
0
25
50
75
100
125
150
175
200
0
1
2
3
4
Forward Current vs. Forward Voltage
Vf (V)
70%
75%
80%
85%
90%
95%
100%
25
50
75
100
125
150
Relative Light Intensity Vs Junction Temperature
Junction Temperature (°C)
-2
-1
0
1
2
3
4
5
6
25
50
75
100
125
150
Dominant Wavelength Shift Vs Junction Temperature
Junction Temperature (°C)
-0.400
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0
25
50
75
100
125
150
Voltage Shift Vs Junction Temperature
Junction Temperature (°C)


Similar Part No. - C450TR5270-0306-3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR5270-0306-3 MARKTECH-C450TR5270-0306-3 Datasheet
672Kb / 6P
   TR5270 LEDs
More results

Similar Description - C450TR5270-0306-3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
PHOENIX CONTACT
2701154 PHOENIX-2701154 Datasheet
101Kb / 5P
   Maximum permissible load current per sensor: 250 mA
logo
Cree, Inc
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
logo
Voltage Multipliers Inc...
X25UFG VMI-X25UFG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
logo
STMicroelectronics
STOD13CM STMICROELECTRONICS-STOD13CM Datasheet
988Kb / 25P
   250 mA dual DC-DC converter
January 2013 Rev 1
logo
Voltage Multipliers Inc...
X25FG VMI-X25FG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
logo
Cree, Inc
C450UT190-S1200-31 CREE-C450UT190-S1200-31 Datasheet
304Kb / 6P
   Small Chip 190 x 190 x 50 Class 2 ESD Rating
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
Voltage Multipliers Inc...
MD60FF18 VMI-MD60FF18 Datasheet
31Kb / 1P
   1,800 V Rectifiers 250 mA Forward Current 30 ns - 50 ns Recovery Time
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com