Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450UT190-0312-31 Datasheet(PDF) 1 Page - Cree, Inc

Part # C450UT190-0312-31
Description  Small Chip 190 x 190 x 50 Class 2 ESD Rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450UT190-0312-31 Datasheet(HTML) 1 Page - Cree, Inc

  C450UT190-0312-31 Datasheet HTML 1Page - Cree, Inc C450UT190-0312-31 Datasheet HTML 2Page - Cree, Inc C450UT190-0312-31 Datasheet HTML 3Page - Cree, Inc C450UT190-0312-31 Datasheet HTML 4Page - Cree, Inc C450UT190-0312-31 Datasheet HTML 5Page - Cree, Inc C450UT190-0312-31 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
CxxxUT190-Sxxxx-31 Chip Diagram
FEATURES
• SmallChip–190x190x50μm
• UTLEDPerformance
– 450&460nm–12mWmin.
– 470nm–10mWmin.
– 527nm–3.0mWmin.
• LowForwardVoltage
– 2.9VTypicalat5mA
• SingleWireBondStructure
• Class2ESDRating
APPLICATIONS
• MobilePhoneKeypads
• AudioProductDisplayLighting
• MobileApplianceKeypads
• AutomotiveApplications
Cree® UltraThin™ Gen III LEDs
Data Sheet
CxxxUT190-Sxxxx-31
Cree’sUltraThinLEDscombinehighlyefficientInGaNmaterialswithCree’sproprietaryG•SiC®substratetodeliver
superiorprice/performanceforblueLEDs.TheseverticallystructuredLEDchipsaresmallinsizeandrequirealow
forwardvoltage.Cree’sUT™serieschipsaretestedforconformitytoopticalandelectricalspecificationsandthe
abilitytowithstand1000VESD.Applicationsincludekeypadbacklightingwheresub-miniaturizationandthinner
formfactorsarerequired.
Top View
Bottom View
190x190μm
t=50μm
Anode(+)
85-μmDiameter
Die Cross Section
Cathode(-)
80x80μm
BottomSurface
150x150μm
Junction
160x160μm


Similar Part No. - C450UT190-0312-31

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450UT190-0312-31 MARKTECH-C450UT190-0312-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
More results

Similar Description - C450UT190-0312-31

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450UT190-S1400-30 CREE-C450UT190-S1400-30 Datasheet
300Kb / 6P
   Small Chip 190 x 190 x 85 Single Wire Bond Structure
logo
ORION FANS
OAB190 ORIONFANS-OAB190 Datasheet
93Kb / 1P
   Motorized Impeller 190 x 70mm (7.5??x 2.8??
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
   ÖLFLEX® 190 & 190 CY
January 1, 2019
logo
UMPCO, Inc.
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
   BRACKET-ANGLE 90째, .190 X .250 BOLT
AS9231 UMPCO-AS9231 Datasheet
69Kb / 1P
   BRACKET-ANGLE 90째,.190 X .375 BOLT
MS9103 UMPCO-MS9103 Datasheet
72Kb / 1P
   BRACKET-ANGLE 90째, .190 X .312 BOLT
MS9104 UMPCO-MS9104 Datasheet
71Kb / 1P
   BRACKET-ANGLE 90째, .190 X .375 BOLT
AS9230 UMPCO-AS9230 Datasheet
71Kb / 1P
   BRACKET-ANGLE 90째, .190 X .312 BOLT
MS9166 UMPCO-MS9166 Datasheet
70Kb / 1P
   BRACKET, 90째 ANGLE, AMS 6350, .190 X .250 BOLT
MS9167 UMPCO-MS9167 Datasheet
70Kb / 1P
   BRACKET, 90째 ANGLE, AMS 6350, .190 X .312 BOLT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com