Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C470TR2436-0308 Datasheet(PDF) 2 Page - Cree, Inc

Part # C470TR2436-0308
Description  Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470TR2436-0308 Datasheet(HTML) 2 Page - Cree, Inc

  C470TR2436-0308 Datasheet HTML 1Page - Cree, Inc C470TR2436-0308 Datasheet HTML 2Page - Cree, Inc C470TR2436-0308 Datasheet HTML 3Page - Cree, Inc C470TR2436-0308 Datasheet HTML 4Page - Cree, Inc C470TR2436-0308 Datasheet HTML 5Page - Cree, Inc C470TR2436-0308 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR2436 are trademarks of Cree, Inc.
2
CPR3DR Rev B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxTR2436-Sxx00
DCForwardCurrent
30mA
PeakForwardCurrent(1/10dutycycle@1kHz)
100mA
LEDJunctionTemperature
125°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
LEDChipStorageTemperature
-40°Cto+120°C
DieSheetStorageConditions
≤30°C/≤85%RH
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR2436-Sxx00
2.7
3.1
3.4
2
20
C460TR2436-Sxx00
2.7
3.1
3.4
2
21
C470TR2436-Sxx00
2.7
3.1
3.4
2
21
C527TR2436-Sxx00
2.9
3.2
3.6
2
35
Mechanical Specifications
CxxxTR2436-Sxx00
Description
Dimension
Tolerance
P-NJunctionArea(μm)
200x320
±35
ChipArea(μm)
240x360
±35
ChipThickness(μm)
115
±15
AuBondPadDiameterAnode(μm)
90
-5,+15
AuBondPadThicknesses(μm)
1.0
±0.5
AuBondPadAreaCathode(μm)
98x98
-5,+15
BottomArea(μm)
140x260
±35
Notes:
1. Maximumratingsarepackagedependent.TheaboveratingsweredeterminedusingaT-13/4package(withHysolOS4000epoxy
encapsulationandclearepoxydieattach)forcharacterization.Ratingsforotherpackagesmaydiffer.Theforwardcurrents(DC
andPeak)arenotlimitedbythediebutbytheeffectoftheLEDjunctiontemperatureonthepackage.Thejunctiontemperature
limitof125°CisalimitoftheT-13/4package;junctiontemperatureshouldbecharacterizedinaspecificpackagetodetermine
limitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat20mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxyencapsulantandclearepoxydieattach).
OpticalcharacteristicsmeasuredinanintegratingsphereusingIlluminanceE.


Similar Part No. - C470TR2436-0308

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470TR2436-S2700 CREE-C470TR2436-S2700 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
More results

Similar Description - C470TR2436-0308

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com