Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75307D3S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HUFA75307D3S
Description  15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75307D3S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HUFA75307D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75307D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75307P3, HUFA75307D3, HUFA75307D3S Rev. B
HUFA75307P3, HUFA75307D3, HUFA75307D3S
15A, 55V, 0.090 Ohm, N-Channel UltraFET
Power MOSFETs
These N-Channel power MOSFETs
are manufactured using the
innovative UltraFET® process. This
advanced process technology
achieves the lowest possible on-resistance per silicon area,
resulting in outstanding performance. This device is capable
of withstanding high energy in the avalanche mode and the
diode exhibits very low reverse recovery time and stored
charge. It was designed for use in applications where power
efficiency is important, such as switching regulators,
switching converters, motor drivers, relay drivers, low-
voltage bus switches, and power management in portable
and battery-operated products.
Formerly developmental type TA75307.
Features
• 15A, 55V
• Simulation Models
- Temperature Compensated PSPICE® and SABER
Models
- SPICE and SABER Thermal Impedance Models
Available on the WEB at: www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUFA75307P3
TO-220AB
75307P
HUFA75307D3
TO-251AA
75307D
HUFA75307D3S
TO-252AA
75307D
NOTE: When ordering, use the entire part number. Add the suffix T to
obtain the TO-252AA variant in tape and reel, e.g., HUFA75307D3ST.
D
G
S
JEDEC TO-220AB
JEDEC TO-251AA
JEDEC TO-252AA
DRAIN
SOURCE
GATE
DRAIN
(FLANGE)
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
GATE
SOURCE
DRAIN
(FLANGE)
Data Sheet
December 2001


Similar Part No. - HUFA75307D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
More results

Similar Description - HUFA75307D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75307P3 INTERSIL-HUF75307P3 Datasheet
204Kb / 18P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75307P3 FAIRCHILD-HUF75307P3 Datasheet
219Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com