Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS87C196CB20F8 Datasheet(PDF) 8 Page - Intel Corporation

Part # AS87C196CB20F8
Description  16-Bit CHMOS Microcontrollers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87C196CB20F8 Datasheet(HTML) 8 Page - Intel Corporation

Back Button AS87C196CB20F8 Datasheet HTML 4Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 5Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 6Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 7Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 8Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 9Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 10Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 11Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
87C196KR, JV, JT, JR, CA Microcontrollers — Automotive
8
Datasheet
Figure 1. Block Diagram
Figure 2. 8XC196Kx, Jx, and CA Family Nomenclature
A4643-01
Clock Generator
I/O Ports
Timer 1 & 2
Register
RAM
A/D Converter
(10-Bit)
[8 Channels]
Peripheral
Transaction
Server (PTS)
Power
and
GND
ALU
XTAL2
Control Signals
ADDR/
Data Bus
XTAL1
16
Code
RAM
On-chip
EPROM
(optional)
Event Processor
Array (EPA)
Programmable
Interrupt
Controller
Serial I/O
(UART & SSIO)
V
CC
V
SS
V
SS
V
SS
V
REF
ANGND
16
Memory
Controller with
Prefetch Queue
A4644-02
AN 87 C
R
K
19 6
0 = ROMless
3 = Masked ROM
7 = EPROM, OTP, QROM
Product Designation: KR, JV, JT, JR, CA
Frequency Designation (no mark = 16 MHz)
Product Family
CHMOS Technology
Program Memory Options:
N = PLCC (plastic leaded chip carrier)
Package Type Options:
A = -40
˚C to +125˚C
ambient with
Intel Standard Burn-in
Temperature and Burn-in Options:


Similar Part No. - AS87C196CB20F8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AS87C196CB20 INTEL-AS87C196CB20 Datasheet
1Mb / 36P
   20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
More results

Similar Description - AS87C196CB20F8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196JV INTEL-87C196JV Datasheet
311Kb / 38P
   Advanced 16-Bit CHMOS Microcontrollers
8XC51FX INTEL-8XC51FX Datasheet
259Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
M87C196KC INTEL-M87C196KC Datasheet
366Kb / 23P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM
EE87C51FC24 INTEL-EE87C51FC24 Datasheet
393Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
M80C86 INTEL-M80C86 Datasheet
277Kb / 19P
   16-BIT CHMOS MICROPROCESSOR
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com