Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BX80563E5310P Datasheet(PDF) 1 Page - Intel Corporation

Part # BX80563E5310P
Description  Intel횂짰 Xeon횂짰 Processor E5310
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BX80563E5310P Datasheet(HTML) 1 Page - Intel Corporation

  BX80563E5310P Datasheet HTML 1Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H ome > P roc es s or Spec Finder H ome >
Intel® Xeon® Processor E5310
How Do I Use This Tool?
Printer Friendly Format
Processor Specifications:
sSpec Number:
CPU Speed:
PCG:
Bus Speed:
Bus/Core Ratio:
L2 Cache Size:
L2 Cache Speed:
SL9XR
1.60 GHz
1066 MHz
6.0
8 MB
1.6 GHz
Package Type:
Manufacturing Technology:
Core Stepping:
CPUID String:
Thermal Design Power:
Thermal Specification:
VID Voltage Range:
LGA771
65 nm
B3
06F7h
80W
65°C
1.5V
Product Documentation:
http://support.intel.com/support/processors/sb/CS-028967.htm
Product Order Codes:
Box Order Code: BX80563E5310P
BX80563E5310A
OEM Order Code: HH80563QH0258M
Supported Features:
l
Quad Core
l
Intel® EM64T 1
l
Intel® Virtualization Technology
l
Enhanced Halt State (C1E)
l
Execute Disable Bit 2
l
Intel® Thermal Monitor 2
Notes:
Legal Disclaimers:
1 Intel® EM64T requires a com puter system with a processor, chipset, BIOS, operating system , device drivers and applications
enabled for Intel EM64T. Processor will not operate (including 32-bit operation) without an Intel EM64T-enabled BIOS. Perform ance
will vary depending on your hardware and software configurations. See http://www.intel.com /info/em 64t for m ore inform ation
including details on which processors support Intel® EM64T or consult with your system vendor for m ore inform ation.
2 Enabling Execute Disable Bit functionality requires a PC with a processor with Execute Disable Bit capability and a supporting
operating system . Check with your PC m anufacturer on whether your system delivers Execute Disable Bit functionality.
I ntel.c om
Worldwide
A bout I ntel
P res s Room
C ontac t U s
Site M ap
RSS Feeds
Jobs at I ntel
I nves tor Relations
* Legal I nformation
P rivac y P olic y
©I ntel C orporation


Similar Part No. - BX80563E5310P

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BX80547PG3200FSL8Q6 INTEL-BX80547PG3200FSL8Q6 Datasheet
2Mb / 105P
   Intel짰 Pentium짰 4 Processor 6xx? Sequence and Intel짰 Pentium짰 4 Processor Extreme Edition
BX80557430SL9XN INTEL-BX80557430SL9XN Datasheet
1Mb / 100P
   Intel짰 Celeron짰 Processor 400 Series
More results

Similar Description - BX80563E5310P

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
   SECURITY PROCESSOR
logo
Siemens Semiconductor G...
SDA9290-6 SIEMENS-SDA9290-6 Datasheet
237Kb / 28P
   Picture Processor
logo
Analog Devices
ADSP-21367 AD-ADSP-21367 Datasheet
1Mb / 48P
   SHARC Processor
Rev. PrA
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com