Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196CA Datasheet(PDF) 6 Page - Intel Corporation

Part # 87C196CA
Description  16-Bit CHMOS Microcontrollers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CA Datasheet(HTML) 6 Page - Intel Corporation

Back Button 87C196CA Datasheet HTML 2Page - Intel Corporation 87C196CA Datasheet HTML 3Page - Intel Corporation 87C196CA Datasheet HTML 4Page - Intel Corporation 87C196CA Datasheet HTML 5Page - Intel Corporation 87C196CA Datasheet HTML 6Page - Intel Corporation 87C196CA Datasheet HTML 7Page - Intel Corporation 87C196CA Datasheet HTML 8Page - Intel Corporation 87C196CA Datasheet HTML 9Page - Intel Corporation 87C196CA Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
87C196KR, JV, JT, JR, CA Microcontrollers — Automotive
6
Datasheet
Refer to the following datasheets for higher frequency versions of devices contained within this
datasheet:
87C196JT 20 MHz Advanced 16-Bit CHMOS Microcontroller datasheet, order #272529
87C196JV 20 MHz Advanced 16-Bit CHMOS Microcontroller datasheet, order #272580.
2.0
Architecture
The 87C196KR, JV, JT, JR, and CA are members of the MCS 96 microcontroller family, have the
same architecture and use the same instruction set as the 80C196KB/KC. Many new features have
been added including:
2.1
CPU Features
Powerdown and Idle Modes
16 MHz Operating Frequency
A High Performance Peripheral Transaction Server (PTS)
Up to 37 Interrupt Vectors
Up to 512 Bytes of Code RAM
Up to 1.5 Kbytes of Register RAM
“Windowing” Allows 8-Bit Addressing to Some 16-Bit Addresses
1.75 µs 16 x 16 Multiply
3 µs 32/16 Divide
Oscillator Fail Detect
2.2
Peripheral Features
Programmable A/D Conversion and S/H Times
Up to 10 Capture/Compare I/O with 2 Flexible Timers
Synchronous Serial I/O Port for Full Duplex Serial I/O
Table 1.
87C196Kx and Jx Features Summary
Device
Pins/Package
EPROM
Reg RAM
Code RAM
I/O
EPA
SIO
SSIO
A/D
87C196KR
68-Pin PLCC
16 K
512
256
56
10
Y
Y
8
87C196JV
52-Pin PLCC
48 K
1.5 K
512
41
6
Y
Y
6
87C196JT
52-Pin PLCC
32 K
1.0 K
512
41
6
Y
Y
6
87C196JR
52-Pin PLCC
16 K
512
256
41
6
Y
Y
6
87C196CA
68-Pin PLCC
32 K
1.0 K
256
38
6
Y
Y
6


Similar Part No. - 87C196CA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196CA INTEL-87C196CA Datasheet
453Kb / 33P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
More results

Similar Description - 87C196CA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196JV INTEL-87C196JV Datasheet
311Kb / 38P
   Advanced 16-Bit CHMOS Microcontrollers
8XC51FX INTEL-8XC51FX Datasheet
259Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
M87C196KC INTEL-M87C196KC Datasheet
366Kb / 23P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM
EE87C51FC24 INTEL-EE87C51FC24 Datasheet
393Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
M80C86 INTEL-M80C86 Datasheet
277Kb / 19P
   16-BIT CHMOS MICROPROCESSOR
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com