Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F852-B-GM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C8051F852-B-GM
Description  Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F852-B-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C8051F852-B-GM Datasheet HTML 6Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 7Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 8Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 9Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 10Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 11Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 12Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 13Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 290 page
background image
C8051F85x/86x
10
Preliminary Rev 0.6
Table 1.3. Reset and Supply Monitor
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Supply Monitor Threshold
VVDDM
1.85
1.95
2.1
V
Power-On Reset (POR) Threshold
VPOR
Rising Voltage on VDD
1.4
V
Falling Voltage on VDD
0.8
1.3
V
VDD Ramp Time
tRMP
Time to VDD > 2.2 V
10
3000
µs
Reset Delay from POR
tPOR
Relative to VDD >
VPOR
3
TBD
ms
Reset Delay from non-POR source
tRST
Time between release
of reset source and
code execution
30
µs
RST Low Time to Generate Reset
tRSTL
15
µs
Missing Clock Detector Response
Time (final rising edge to reset)
tMCD
FSYSCLK > 1 MHz
0.625
1.2
ms
Missing Clock Detector Trigger 
Frequency
FMCD
7.5
13
kHz
VDD Supply Monitor Turn-On Time
tMON
2
µs
Table 1.4. Flash Memory
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Write Time1
tWRITE
One Byte
TBD
20
TBD
µs
Erase Time1
tERASE
One Page
TBD
5
TBD
ms
VDD Voltage During Programming2
VPROG
2.2
3.6
V
Endurance (Write/Erase Cycles)
NWE
20k
100k
Cycles
Notes:
1. Does not include sequencing time before and after the write/erase operation, which may be multiple SYSCLK cycles.
2. Flash can be safely programmed at any voltage above the supply monitor threshold (VVDDM).
3. Data Retention Information is published in the Quarterly Quality and Reliability Report.


Similar Part No. - C8051F852-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F852-C-GM SILABS-C8051F852-C-GM Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F852-C-GM SILABS-C8051F852-C-GM Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F852-C-GU SILABS-C8051F852-C-GU Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F852-C-GU SILABS-C8051F852-C-GU Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
More results

Similar Description - C8051F852-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F850-C-GM SILABS-C8051F850-C-GM Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com