Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75309D3S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HUFA75309D3S
Description  19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75309D3S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HUFA75309D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75309D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75309P3, HUFA75309D3, HUFA75309D3S Rev. B
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 12)
-
350
-
pF
Output Capacitance
COSS
-
150
-
pF
Reverse Transfer Capacitance
CRSS
-39
-
pF
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 19A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 19A, dISD/dt = 100A/µs-
-
50
ns
Reverse Recovered Charge
QRR
ISD = 19A, dISD/dt = 100A/µs-
-
70
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
175
5
10
15
20
50
75
100
125
150
175
0
25
TC, CASE TEMPERATURE (
oC)
0.1
1
10-4
10-3
10-2
10-1
100
101
10-5
0.01
2
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
HUFA75309P3, HUFA75309D3, HUFA75309D3S


Similar Part No. - HUFA75309D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
More results

Similar Description - HUFA75309D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75309P3 FAIRCHILD-HUF75309P3 Datasheet
218Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75309T3ST INTERSIL-HUF75309T3ST Datasheet
88Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUF75309T3ST FAIRCHILD-HUF75309T3ST Datasheet
186Kb / 9P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com