Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 11 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 11 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 7Page - Intel Corporation LU82541PI Datasheet HTML 8Page - Intel Corporation LU82541PI Datasheet HTML 9Page - Intel Corporation LU82541PI Datasheet HTML 10Page - Intel Corporation LU82541PI Datasheet HTML 11Page - Intel Corporation LU82541PI Datasheet HTML 12Page - Intel Corporation LU82541PI Datasheet HTML 13Page - Intel Corporation LU82541PI Datasheet HTML 14Page - Intel Corporation LU82541PI Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
11
3.0
Signal Descriptions
3.1
Signal Type Definitions
The signals of the 82541(PI/GI/EI) controller are electrically defined as follows:
3.2
PCI Bus Interface Signals (56)
When the Reset signal (RST#) is asserted, the 82541(PI/GI/EI) will not drive any PCI output or bi-
directional pins. The Power Management Event signal (PME#) can be active by configuring
manageability functions.
Name
Definition
I
Input. Standard input only digital signal.
O
Output. Standard output only digital signal.
TS
Tri-state. Bi-directional tri-state digital input/output signal.
STS
Sustained Tri-state. An active low tri-state signal owned and driven by only one agent at a
time. The agent that drives an STS pin low must drive it high for at least one clock before letting
it float. A new agent cannot start driving an STS signal any sooner than one clock after the
previous owner tri-states it. A pull-up resistor is required to sustain the inactive state until
another agent drives it, and must be provided by the central resource.
OD
Open Drain. Wired-OR with other agents.
The signaling agent asserts the OD signal, but the signal is returned to the inactive state by a
weak pull-up resistor. The pull-up resistor may require two or three clock periods to fully restore
the signal to the de-asserted state.
A
Analog. PHY analog data signal.
P
Power. Power connection, voltage reference, or other reference connection.


Similar Part No. - LU82541PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LU82541ER INTEL-LU82541ER Datasheet
327Kb / 48P
   82541ER Gigabit Ethernet Controller
More results

Similar Description - LU82541PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82541 INTEL-82541 Datasheet
711Kb / 46P
   Family of Gigabit Ethernet Controllers
logo
List of Unclassifed Man...
VT6120 ETC1-VT6120 Datasheet
1Mb / 2P
   Velocity Gigabit Ethernet Controllers
logo
Intel Corporation
82563EB INTEL-82563EB Datasheet
100Kb / 2P
   Intel짰 82563EB/82564EB Gigabit Ethernet Controllers
logo
Zilog, Inc.
Z85C3008VEC ZILOG-Z85C3008VEC Datasheet
637Kb / 2P
   ZiLOGs Family of Serial Communication Controllers
logo
Microsemi Corporation
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
   Family of Carrier Ethernet Switches
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
   Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
logo
Zilog, Inc.
Z85C3008VEC00TR ZILOG-Z85C3008VEC00TR Datasheet
637Kb / 2P
   ZiLOG?셲 Family of Serial Communication Controllers
logo
STCmicro Technology Co,...
STC8F STC-STC8F Datasheet
5Mb / 509P
   STC8F family of Micro-controllers Reference Manual
2020/3/9
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com