Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEE1S0315DC Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # MEE1S0315DC
Description  Isolated 1W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEE1S0315DC Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  MEE1S0315DC Datasheet HTML 1Page - Murata Power Solutions Inc. MEE1S0315DC Datasheet HTML 2Page - Murata Power Solutions Inc. MEE1S0315DC Datasheet HTML 3Page - Murata Power Solutions Inc. MEE1S0315DC Datasheet HTML 4Page - Murata Power Solutions Inc. MEE1S0315DC Datasheet HTML 5Page - Murata Power Solutions Inc. MEE1S0315DC Datasheet HTML 6Page - Murata Power Solutions Inc. MEE1S0315DC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MEE1 Series
Isolated 1W Single Output DC/DC Converters
KDC_MEE1.C01 Page 6 of 7
www.murata-ps.com/support
All dimensions in mm ±0.25mm (inches ±0.01). All pins on a 2.54 (0.1) pitch and within ± 0.25 (0.01) of true position.
Weight: 1.28g (SIP), 1.56g (DIP)
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 8 PIN DIP
Pin
Function
1-VIN
4+VIN
5+VOUT
7-VOUT
PIN CONNECTIONS - 4 PIN SIP
Pin
Function
1-VIN
2+VIN
3-VOUT
4+VOUT
DIP Package
SIP Package
11.48
(0.45)
6.00
(0.236)
0.30 (0.0118)
0.20 (0.0078)
1.69 (0.067)
2.41 (0.094)
7.62
(0.3)
1.25
(0.049)
10.0
(0.394)
0.55 (0.022)
0.45 (0.018)
4.60 (0.181)
3.60 (0.142)
0.55 (0.022)
0.45 (0.018)
6.80 (0.268)
4.60 (0.181)
3.60 (0.142)
0.55 (0.022)
0.45 (0.018)
11.50 (0.453)
9.80 (0.386)
0.30 (0.0118)
0.20 (0.0078)
1.09 (0.043)
1.94 (0.0764)
7.62 (0.3)
7.62 (0.3)
5.08 (0.2)
14
5
7
12
3
4
MEE1S0505DC
XYYWW
MEE1S0505SC
XYYWW
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand
Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test
voltage, applied for a specified time, across a component designed to provide electrical
isolation, to verify the integrity of that isolation.
Murata Power Solutions MEE1 series of DC/DC converters are all 100% production
tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied
across the part in normal operation?”
The MEE1 has been recognized by Underwriters Laboratory for functional insulation,
both input and output should normally be maintained within SELV limits i.e. less than
42.4V peak, or 60VDC. The isolation test voltage represents a measure of immunity to
transient voltages and the part should never be used as an element of a safety isolation
system. The part could be expected to function correctly with several hundred volts off-
set applied continuously across the isolation barrier; but then the circuitry on both sides
of the barrier must be regarded as operating at an unsafe voltage and further isolation/
insulation systems must form a barrier between these circuits and any user-accessible
circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can
actually degrade isolation capability, to a lesser or greater degree depending on materi-
als, construction and environment. The MEE1 series has toroidal isolation transformers,
with no additional insulation between primary and secondary windings of enameled
wire. While parts can be expected to withstand several times the stated test voltage,
the isolation capability does depend on the wire insulation. Any material, including this
enamel (typically polyurethane) is susceptible to eventual chemical degradation when
subject to very high applied voltages thus implying that the number of tests should be
strictly limited. We therefore strongly advise against repeated high voltage isolation test-
ing, but if it is absolutely required, that the voltage be reduced by 20% from specified
test voltage.
This consideration equally applies to agency recognized parts rated for better than func-
tional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.


Similar Part No. - MEE1S0315DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEE1S0315SC MURATA-PS-MEE1S0315SC Datasheet
406Kb / 16P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - MEE1S0315DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com