Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC60-1024G Datasheet(PDF) 2 Page - Power-One

Part # ABC60-1024G
Description  60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC60-1024G Datasheet(HTML) 2 Page - Power-One

  ABC60-1024G Datasheet HTML 1Page - Power-One ABC60-1024G Datasheet HTML 2Page - Power-One ABC60-1024G Datasheet HTML 3Page - Power-One ABC60-1024G Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABC60 Series
2
www.power-one.com
DATA SHEET
TECHNICAL DATA:
Input
PARAMETER
DESCRIPTION/CONDITION
Input voltage range.
Universal Input
90 - 264 Vac
Input frequency range
47 to 400 Hz. (3)
Input surge current
264 Vac (cold start)
40 A max.
Safety ground leakage current
120 Vac < 500 uA
230 Vac < 1000 uA
Input current
120 Vac @ 60 W
230 Vac @ 60 W
1.5 A
0.75 A
Output
PARAMETER
DESCRIPTION/CONDITION
Voltage Adjustment
V1
± 10%
Transient Response
Main output 50 to 100% load change, 50 Hz,
50% duty cycle, 0.1 A / u Sec, 50/60 Hz
< 10%, recovery time < 5 mSec
Over Voltage Protection
130% Typical
Short Circuit Protection
130% Typical
Remote Sense
V1
0.5 Vdc compensation
Efficiency
>85%
Set Point Tolerance
V1 = ± 3%, V2 & V3 = ± 5%
Rise Time
100 mSec
Ordering Information
PRODUCT
FAMILY
VOLTS
(VDC)
OUTPUT CURRENT
MAX (A)
MINIMUM
LOAD (A) (4)
RIPPLE &
NOISE
TOTAL
REGULATION
OVP THRESHOLD
ABC60-1005G
5.2
10.0
0
1.25%
± 0.8%
130% Typical
ABC60-1012G
12
5.4
0
1%
± 0.8%
130% Typical
ABC60-1015G
15
4.33
0
1%
± 0.8%
130% Typical
ABC60-1024G
24
2.7
0
1%
± 0.8%
130% Typical
ABC60-1048G
48
1.35
0
1%
± 0.8%
130% Typical
ABC60-3000G
5.2
8.0
0.5
1.25%
± 0.8%
130% Typical
12.5
3.0
0.1
1%
± 5.3%
-12.5
0.5
0.0
1%
± 5.3%
ABC60-3001G
5.2
8.0
0.5
1.25%
± 0.8%
130% Typical
23.8
1.5
0.1
1%
± 5.3%
-12.5
0.5
0.0
1%
± 5.3%
ABC60-3002G
5.2
8.0
0.5
1.25%
± 0.8%
130% Typical
14.6
2.5
0.1
1%
± 5.3%
-16.2
0.5
0.0
1%
± 5.3%
ABC60-3003G
3.3
8.0
1.0
1.5%
± 0.8%
130% Typical
5.2
3.0
0.1
1%
± 5.3%
-12.8
0.5
0.0
1%
± 5.3%


Similar Part No. - ABC60-1024G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC60-1024G BEL-ABC60-1024G Datasheet
756Kb / 5P
   Cover Kit Accessory Available
ABC60-1024G BEL-ABC60-1024G Datasheet
681Kb / 7P
   4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
More results

Similar Description - ABC60-1024G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC201-1005G POWER-ONE-ABC201-1005G Datasheet
558Kb / 4P
   160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Total Power Internation...
TPES34 TOTAL-POWER-TPES34 Datasheet
394Kb / 2P
   EMI MEET EN 55022 / FCC CLASS B
MSDWI03 TOTAL-POWER-MSDWI03 Datasheet
464Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
MKW2000 TOTAL-POWER-MKW2000 Datasheet
460Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com