Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEE1S2415DC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # MEE1S2415DC
Description  Isolated 1W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEE1S2415DC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  MEE1S2415DC Datasheet HTML 1Page - Murata Power Solutions Inc. MEE1S2415DC Datasheet HTML 2Page - Murata Power Solutions Inc. MEE1S2415DC Datasheet HTML 3Page - Murata Power Solutions Inc. MEE1S2415DC Datasheet HTML 4Page - Murata Power Solutions Inc. MEE1S2415DC Datasheet HTML 5Page - Murata Power Solutions Inc. MEE1S2415DC Datasheet HTML 6Page - Murata Power Solutions Inc. MEE1S2415DC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MEE1 Series
Isolated 1W Single Output DC/DC Converters
KDC_MEE1.C01 Page 1 of 7
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
V
V
mA
%
mVp-p
mA
%
pF
kHrs
MEE1S0303SC
3.3
3.3
303
10
12
26
50
377
76
78.5
42
3852
SIP
MEE1S0305SC
3.3
5
200
9.2
11
23
50
360
79
81.5
44
4008
MEE1S0309SC
3.3
9
111
10
12
15
40
361
79
81.5
47
4930
MEE1S0312SC
3.3
12
83
8.7
11
14
40
352
81
84
48
4040
MEE1S0315SC
3.3
15
67
7.8
10
12
35
350
82
84.5
50
3792
MEE1S0503SC
5
3.3
303
8
10
22
45
246
76
80
39
3213
MEE1S0505SC
5
5
200
5.6
7
19
40
237
80
83
46
3990
MEE1S0509SC
5
9
111
6.8
9
13
35
238
80
83.5
53
4526
MEE1S0512SC
5
12
83
6.5
8
11
35
233
81
85
49
3756
MEE1S0515SC
5
15
67
5.7
8
9
30
230
83
85.5
46
3240
MEE1S1205SC
12
5
200
5
7
16
40
97
79
83.5
47
3857
MEE1S1209SC
12
9
111
5.8
8
12
35
97
79
84
77
4370
MEE1S1212SC
12
12
83
4.8
6
10
35
97
82
85
79
3774
MEE1S1215SC
12
15
67
4.2
7
9
35
95
81
86.5
81
3779
MEE1S1505SC
15
5
200
4.2
6
15
40
79
77
83.5
41
3312
MEE1S1509SC
15
9
111
5.1
7
12
35
79
77
83
65
3451
MEE1S1512SC
15
12
83
4.3
5
11
35
77
78
85
77
3940
MEE1S1515SC
15
15
67
3.8
5
8
30
76
83
86.5
100
3420
MEE1S2405SC
24
5
200
3.6
5
19
50
49
75
83
51
3983
MEE1S2409SC
24
9
111
4
6
17
40
50
74
83
70
4255
MEE1S2412SC
24
12
83
3.4
5
11
35
49
79
85.5
89
3991
MEE1S2415SC
24
15
67
3
5
9
35
49
78
86
101
3532
MEE1S0303DC
3.3
3.3
303
10
12
26
50
377
76
78.5
42
3852
DIP
MEE1S0305DC
3.3
5
200
9.2
11
23
50
360
79
81.5
44
4008
MEE1S0309DC
3.3
9
111
10
12
15
40
361
79
81.5
47
4930
MEE1S0312DC
3.3
12
83
8.7
11
14
40
352
81
84
48
4040
MEE1S0315DC
3.3
15
67
7.8
10
12
35
350
82
84.5
50
3792
MEE1S0503DC
5
3.3
303
8
10
22
45
246
76
80
39
3213
MEE1S0505DC
5
5
200
5.6
7
19
40
237
80
83
46
3990
MEE1S0509DC
5
9
111
6.8
9
13
35
238
80
83.5
53
4526
MEE1S0512DC
5
12
83
6.5
8
11
35
233
81
85
49
3756
MEE1S0515DC
5
15
67
5.7
8
9
30
230
83
85.5
46
3240
MEE1S1205DC
12
5
200
5
7
16
40
97
79
83.5
47
3857
MEE1S1209DC
12
9
111
5.8
8
12
35
97
79
84
77
4370
MEE1S1212DC
12
12
83
4.8
6
10
35
97
82
85
79
3774
MEE1S1215DC
12
15
67
4.2
7
9
35
95
81
86.5
81
3779
MEE1S1505DC
15
5
200
4.2
6
15
40
79
77
83.5
41
3312
MEE1S1509DC
15
9
111
5.1
7
12
35
79
77
83
65
3451
MEE1S1512DC
15
12
83
4.3
5
11
35
77
78
85
77
3940
MEE1S1515DC
15
15
67
3.8
5
8
30
76
83
86.5
100
3420
MEE1S2405DC
24
5
200
3.6
5
19
50
49
75
83
51
3983
MEE1S2409DC
24
9
111
4
6
17
40
50
74
83
70
4255
MEE1S2412DC
24
12
83
3.4
5
11
35
49
79
85.5
89
3991
MEE1S2415DC
24
15
67
3
5
9
35
49
78
86
101
3532
1. Calculated using MIL-HDBK-217F FN2 with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
UL60950 recognized
Operation to zero load
Single isolated output
1kVDC isolation
Efficiency up to 87% typical
Wide temperature performance at full
1 watt load, –40°C to 85°C
Power density from 1.305W/cm3
Industry standard pinout
3.3V, 5V, 12V, 15V & 24V input
3.3V, 5V, 9V, 12V and 15V output
Custom solutions available
Pin compatible with LME, NME, NKE
& NML series
PCB mounting
DESCRIPTION
The MEE1 series is the new high performance
version of our 1W NME series. The MEE1 series
is more efficient and offers improved regulation
performance for applications where a wide output
voltage variation can not be tolerated. They are
ideally suited for providing local supplies on
control system boards with the added benefit
of 1kVDC galvanic isolation to reduce switching
noise.
FEATURES


Similar Part No. - MEE1S2415DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEE1S2415SC MURATA-PS-MEE1S2415SC Datasheet
406Kb / 16P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - MEE1S2415DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com