Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11-16DS-2R26 Datasheet(PDF) 9 Page - Hirose Electric

Part # DF11-16DS-2R26
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-16DS-2R26 Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF11-16DS-2R26 Datasheet HTML 5Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 6Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 7Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 8Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 9Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 10Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 11Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 12Page - Hirose Electric DF11-16DS-2R26 Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
111
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sIn-line Plug
sIn-line Plug Panel Cutouts
Note1: Please use the non-radius side for the panel hooking area.
Note2: Applicable panel thicknessing is 1.6 to 1.0mm (A slight deviation will occur for the thickness except for 1.6 and 1.2mm.)
Photo: Contact insertion status
Part Number
CL No.
Unit: mm
DF11- 4DEP-2C
DF11- 6DEP-2C
DF11- 8DEP-2C
DF11-10DEP-2C
DF11-12DEP-2C
DF11-14DEP-2C
DF11-16DEP-2C
DF11-18DEP-2C
DF11-20DEP-2C
DF11-22DEP-2C
DF11-24DEP-2C
DF11-26DEP-2C
DF11-28DEP-2C
DF11-30DEP-2C
DF11-32DEP-2C
543-0619-5
543-0620-4
543-0621-7
543-0622-0
543-0623-2
543-0624-5
543-0625-8
543-0626-0
543-0627-3
543-0628-6
543-0629-9
543-0630-8
543-0631-0
543-0632-3
543-0633-6
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
9.2
11.2
13.2
15.2
17.2
19.2
21.2
23.2
25.2
27.2
29.2
31.2
33.2
35.2
37.2
Number of Contacts
A
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
C
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
D
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
37.4
E
6.3
8.3
10.3
12.3
14.3
16.3
18.3
20.3
22.3
24.3
26.3
28.3
30.3
32.3
34.3
F
Note1: Delivered per bag unit (100 pcs.). Please order products per bag unit.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF11-16DS-2R26

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF11-16DS-2R26 HIROSE-DF11-16DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DS-2R26 HIROSE-DF11-16DS-2R26 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DS-2R26 HIROSE-DF11-16DS-2R26 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-16DS-2R26 ETC2-DF11-16DS-2R26 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 15 DF11-16DS-2R26(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com