Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF87X-20EL Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16LF87X-20EL
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF87X-20EL Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16LF87X-20EL Datasheet HTML 7Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 8Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 9Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 10Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 11Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 12Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 13Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 14Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 218 page
background image
 1998-2013 Microchip Technology Inc.
DS30292D-page 11
PIC16F87X
2.0
MEMORY ORGANIZATION
There are three memory blocks in each of the
PIC16F87X MCUs. The Program Memory and Data
Memory have separate buses so that concurrent
access can occur and is detailed in this section. The
EEPROM data memory block is detailed in Section 4.0.
Additional information on device memory may be found
in the PIC® MCU Mid-Range Reference Manual,
(DS33023).
FIGURE 2-1:
PIC16F877/876 PROGRAM
MEMORY MAP AND
STACK
2.1
Program Memory Organization
The PIC16F87X devices have a 13-bit program counter
capable of addressing an 8K x 14 program memory
space. The PIC16F877/876 devices have 8K x 14
words
of
FLASH
program
memory,
and
the
PIC16F873/874 devices have 4K x 14. Accessing a
location above the physically implemented address will
cause a wraparound.
The RESET vector is at 0000h and the interrupt vector
is at 0004h.
FIGURE 2-2:
PIC16F874/873 PROGRAM
MEMORY MAP AND
STACK
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
Page 1
Page 2
Page 3
07FFh
0800h
0FFFh
1000h
17FFh
1800h
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
Page 1
07FFh
0800h
0FFFh
1000h


Similar Part No. - PIC16LF87X-20EL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF87X MICROCHIP-PIC16LF87X Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF87XA MICROCHIP-PIC16LF87XA Datasheet
4Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16LF87XA MICROCHIP-PIC16LF87XA Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16LF87XAI/L MICROCHIP-PIC16LF87XAI/L Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF87XAI/ML MICROCHIP-PIC16LF87XAI/ML Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
More results

Similar Description - PIC16LF87X-20EL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
PIC16F870 MICROCHIP-PIC16F870_13 Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com