Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALT4532M-171 Datasheet(PDF) 4 Page - TDK Electronics

Part # ALT4532M-171
Description  Pulse Transformers For LAN interface Conforms to the RoHS Directive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ALT4532M-171 Datasheet(HTML) 4 Page - TDK Electronics

  ALT4532M-171 Datasheet HTML 1Page - TDK Electronics ALT4532M-171 Datasheet HTML 2Page - TDK Electronics ALT4532M-171 Datasheet HTML 3Page - TDK Electronics ALT4532M-171 Datasheet HTML 4Page - TDK Electronics ALT4532M-171 Datasheet HTML 5Page - TDK Electronics ALT4532M-171 Datasheet HTML 6Page - TDK Electronics ALT4532M-171 Datasheet HTML 7Page - TDK Electronics ALT4532M-171 Datasheet HTML 8Page - TDK Electronics ALT4532M-171 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(4/9)
001-01 / 20130722 / trans_alt_en.fm
• All specifications are subject to change without notice.
TRANSFORMERS
Overview of the ALT Series
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
10 to 30s
245°C
5s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - ALT4532M-171

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ALT4532M-171-T001 TDK-ALT4532M-171-T001 Datasheet
246Kb / 2P
   Pulse Transformers and Modules for LAN
More results

Similar Description - ALT4532M-171

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
GPL YSTONE-GPL Datasheet
492Kb / 2P
   Compliant to the RoHS directive
logo
TDK Electronics
ALT3232M-151-T001 TDK-ALT3232M-151-T001 Datasheet
240Kb / 2P
   Pulse Transformers and Modules for LAN
ALT4532M-171-T001 TDK-ALT4532M-171-T001 Datasheet
246Kb / 2P
   Pulse Transformers and Modules for LAN
ALT4532M-201-T001 TDK-ALT4532M-201-T001 Datasheet
246Kb / 2P
   Pulse Transformers and Modules for LAN
logo
Murata Manufacturing Co...
XRCPB25M000FAN00R0 MURATA-XRCPB25M000FAN00R0 Datasheet
186Kb / 3P
   the series complies to rohs directive
XRCGB24M000F0L00R0 MURATA-XRCGB24M000F0L00R0 Datasheet
183Kb / 3P
   the series complies to rohs directive
XRCGB24M000F3N00R0 MURATA-XRCGB24M000F3N00R0 Datasheet
182Kb / 3P
   the series complies to rohs directive
XRCGB24M576F0L00R0 MURATA-XRCGB24M576F0L00R0 Datasheet
185Kb / 3P
   the series complies to rohs directive
XRCGB24M576F3G00R0 MURATA-XRCGB24M576F3G00R0 Datasheet
184Kb / 3P
   the series complies to rohs directive
XRCGB24M576F3N00R0 MURATA-XRCGB24M576F3N00R0 Datasheet
183Kb / 3P
   the series complies to rohs directive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com