Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH33-6S-0.5SH Datasheet(PDF) 7 Page - Hirose Electric

Part # FH33-6S-0.5SH
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33-6S-0.5SH Datasheet(HTML) 7 Page - Hirose Electric

Back Button FH33-6S-0.5SH Datasheet HTML 3Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 4Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 5Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 6Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 7Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 8Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 9Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 10Page - Hirose Electric FH33-6S-0.5SH Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FH33 Seriesq0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sFH33 Series FPC/FFC Construction (Recommended Specifications)
1. Using Single-sided FPC
Material Name
Covering film layer
Cover adhesive
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Polyimide 1 mil thick
Nickel under plated 1 to 5µm /
Gold plated 0.2µm
Cu
1oz
Heat-hardened adhesive
Polyimide 1 mil thick
Heat-hardened adhesive
Polyimide 7 mil thick
Total
(25)
(25)
3
35
25
25
30
175
293
Material
Thickness (µm)
2. Using Double-sided FPC
Material Name
Covering film layer
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering film layer
Reinforcement material adhesive
Stiffener
Polyimide 1 mil thick
Nickel under plated 1 to 5µm /
Gold plated 0.2µm
Cu
Cu
1/2oz
Heat-hardened adhesive
Polyimide 1 mil thick
Heat-hardened adhesive
Cu
1/2oz
Polyimide 1 mil thick
Heat-hardened adhesive
Polyimide 4 mil thick
Total
(25)
(25)
3
15
18
18
25
18
18
25
25
50
100
297
Material
Thickness (µm)
1. This specification is a recommendation for the construction of the FH12 Series FPC and FFC (t=0.3 ± 0.05).
2. For details about the construction, please contact the FPC/FFC manufacturers.
π Practical tolerance of thickness dimension is ±20 µm
3. Using FFC
4. Precautions
Gold plated, soft copper film
Adhesive
Polyester
Adhesive
Stiffener
Polyester film
Adhesive
Polyester
Polyester
Polyester
Total
polyester thermoplastic type
(12)
(30)
35
30
12
30
188
295
Material Name
Material
Thickness (µm)


Similar Part No. - FH33-6S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33-6S-0.5SH HIROSE-FH33-6S-0.5SH Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH33-6S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com