Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH19C-10S-0.5SH05 Datasheet(PDF) 7 Page - Hirose Electric

Part # FH19C-10S-0.5SH05
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19C-10S-0.5SH05 Datasheet(HTML) 7 Page - Hirose Electric

  FH19C-10S-0.5SH05 Datasheet HTML 1Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 2Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 3Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 4Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 5Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 6Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 7Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 8Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FH19C & FH19SC Seriesq0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
8±0.1
2±0.15
4±0.1
(0.3)
(1)
(1.7)
(3.3)
(4.3)
Unreeling direction
Flat surface for placement
with automatic equipment
End cection
Mounting cection
Lead cection (400 mm min.)
Embossed carrier tape
Blank cection
Blank cection
Top cover tape
(10 pockets min.)
(10 pockets min.)
(R:INSIDE)
(T:OUTSIDE)
sPackaging Specifications
[Common to FH19C & FH19SC Series]
qReel Dimensions
Note: 5,000 pieces per reel.
Embossed tape 32 mm or wider will have perforated feed holes on two sides.
q Embossed Carrier Tape Dimensions
Unit: mm
4
5
6
7
8
9
10
12
13
14
15
16
17
18
16
16
16
16
16
16
16
16
16
16
16
24
24
24
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
11.5
11.5
11.5
4.3
4.8
5.3
5.8
6.3
6.8
7.3
8.3
8.8
9.3
9.8
10.3
10.8
11.3
17.4
17.4
17.4
17.4
17.4
17.4
17.4
17.4
17.4
17.4
17.4
25.4
25.4
25.4
21.4
21.4
21.4
21.4
21.4
21.4
21.4
21.4
21.4
21.4
21.4
29.4
29.4
29.4
Number of Contacts
M
Q
N
R
T
Unit: mm
20
21
22
24
26
27
28
30
32
34
40
45
50
24
24
24
24
24
24
24
24
32
32
44
44
44
11.5
11.5
11.5
11.5
11.5
11.5
11.5
11.5
14.2
14.2
20.2
20.2
20.2
12.3
12.8
13.3
14.3
15.3
15.8
16.3
17.3
18.3
19.3
22.3
24.8
27.3
25.4
25.4
25.4
25.4
25.4
25.4
25.4
25.4
33.4
33.4
45.4
45.4
45.4
29.4
29.4
29.4
29.4
29.4
29.4
29.4
29.4
37.4
37.4
49.4
49.4
49.4
Number of Contacts
M
Q
N
R
T
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH19C-10S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19C-10S-0.5SH HIROSE-FH19C-10S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results

Similar Description - FH19C-10S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com