Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH41-68S-0.5SH05 Datasheet(PDF) 9 Page - Hirose Electric

Part # FH41-68S-0.5SH05
Description  0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41-68S-0.5SH05 Datasheet(HTML) 9 Page - Hirose Electric

  FH41-68S-0.5SH05 Datasheet HTML 1Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 2Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 3Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 4Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 5Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 6Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 7Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 8Page - Hirose Electric FH41-68S-0.5SH05 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
① Insert the cable straight
and obliquely from
above.
② Slightlypullthecable
tomakesurethetabs
arefirmlysecured.
③ Closetheactuator.
Ride on a left guide
Ride on a right guide
Correct insertion
Do not close the actuator as the cables ride on.
Do not move the cables back and forth and around as
the cables ride on the guide when the actuator is closed.
9
FH41 Series0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
Operation
Precautions
1.How to insert
Insert the cable into the interspace between the mold walls
(
) at both ends of entrance where the connector is
inserted and the guide walls
(
)at both ends of
interior connector so the cable tabs are properly located.
Avoid “ride on”
Avoid insertion so the cables ride on any guide. Be
sure NOT to close the actuator as the cables ride on
any guide. It may cause conduction failure.
2.Precautions when mating /un-mating
❶ Avoid insertion in diagonal direction.
Do not insert the cable in diagonal direction.
A part of the connector may touches the contacts
resulting in deformation of the contacts.

Insert the cable straight into the connector and hook
the cable tabs with the guide.
After insertion, slightly pull the cables to make sure
the cable tabs are firmly secured. No removal of the
cable means correct insertion.
In the event it is locked as the cables ride on a guide,
absolutely avoid moving the cable. In this case, open
the actuator and re-insert the cable as instructed in “
1.How to insert”
Precautions (mating/un-mating FFC with the retention tabs)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH41-68S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH41-68S-0.5SH HIROSE-FH41-68S-0.5SH Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41-68S-0.5SH HIROSE-FH41-68S-0.5SH Datasheet
780Kb / 8P
   0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH41-68S-0.5SH(05) HIROSE-FH41-68S-0.5SH(05) Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
More results

Similar Description - FH41-68S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41 HIROSE-FH41 Datasheet
780Kb / 8P
   0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH40 HIROSE-FH40 Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
FX23 HIROSE-FX23 Datasheet
996Kb / 20P
   High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
logo
Japan Aviation Electron...
JF08R0R041010MA JAE-JF08R0R041010MA Datasheet
109Kb / 4P
   FFC Harness for High-speed Transmission
JF04 JAE-JF04 Datasheet
360Kb / 5P
   FFC Harness for High Speed Transmission
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
logo
Japan Aviation Electron...
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com