Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX18-40P-0.8SV Datasheet(PDF) 4 Page - Hirose Electric

Part # FX18-40P-0.8SV
Description  10Gbps 0.8mm pitch Board to Board Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX18-40P-0.8SV Datasheet(HTML) 4 Page - Hirose Electric

  FX18-40P-0.8SV Datasheet HTML 1Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 2Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 3Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 4Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 5Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 6Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 7Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 8Page - Hirose Electric FX18-40P-0.8SV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FX18 Series10+Gbps 0.8mm pitch Board to Board Connectors
Impedance
0
0.2
0.4
0.6
0.8
1
90
95
100
105
110
Time (ns)
Outer row
0
0.2
0.4
0.6
0.8
1
90
95
100
105
110
Time (ns)
Inner row
The differential impedance is 100±10 ohm for FX18 at 35 ps rise time (20% to 80%)
Insertion Loss
0
2
4
6
8
10
-3
-2.5
-2
-1.5
-1
-0.5
0
Frequency (GHz)
Outer row
0
2
4
6
8
10
-3
-2.5
-2
-1.5
-1
-0.5
0
Frequency (GHz)
Inner row
The differential insertion loss crosses 1dB at 6GHz for FX18.
Return loss
0
5
10
15
20
-50
-40
-30
-20
-10
0
Frequency (GHz)
RL
IEEE Spec
0
5
10
15
20
-50
-40
-30
-20
-10
0
Frequency (GHz)
RL
IEEE Spec
The differential return loss meets the IEEE 802.3ap specification to 10 GHz for FX18.
Inner row
Outer row
Inner row
Outer row
Inner row
Outer row


Similar Part No. - FX18-40P-0.8SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX1-144P-1.27DS HIROSE-FX1-144P-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSA HIROSE-FX1-144P-1.27DSA Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSAL HIROSE-FX1-144P-1.27DSAL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSL HIROSE-FX1-144P-1.27DSL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
More results

Similar Description - FX18-40P-0.8SV

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
Hirose Electric
DF52 HIROSE-DF52 Datasheet
271Kb / 6P
   0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com