Selected language     English  ▼


H-MS3057-12A73 Datasheet(PDF) 2 Page - Hirose Electric

Part No. H-MS3057-12A73
Description  MS type Lower Profile Plug
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

 
 2 page
background image
2
3 m ohms max.
1 m ohms max.
5000 M ohms min.
No flashover or insulation breakdown.
Contact resistance:
Contact resistance:
4.5 m ohms max.
1.5 m ohms max.
Insulation resistance: 5000 M ohms min.
Insulation resistance: 50 M ohms min. (Humidity state)
500 M ohms min. (Dry state)
When mated with corresponding connector.
1A DC
500 V DC
2250V AC/one minute.
Frequency: 10 to 500 Hz, single amplitude of 0.75 mm,
acceleration of 98 m/s2 for 3 hours in 3 axis.
Acceleration of 490 m/s2, 11ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis.
500 cycles
Temperature: -55ç ➝ Room temperature to +125ç ➝ Room
temperature Time: 30 ➝ 10 to 15 ➝ 30 ➝ 10 to 15 (Minutes)
5 cycles.
96 hours at temperature of 71ç and humidity of 95% .
No dust penetration.
No water penetration when submerged for 0.5 hour at the depth of 1 meter.
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. Vibration
5. Shock
6. Durability
(insertion/ withdrawal)
7. Temperature cycle
8. Humidity
9. Water/dust
protection
Rating
Voltage rating
250VAC, 250V DC (pollution degree: 3, overvoltage category: 3)
500V AC, 500V DC (pollution degree: 2, overvoltage category: 2)
Current rating
23A Max. (18-10 size)
46A Max. (22-22 size)
Operating temperature range
-25ç to +125ç
Storage temperature range
-25ç to +125ç
sProduct Specifications
sMaterials
Item
Specification
18-10 size
22-22 size
Conditions
Body
Insulator
Socket Contacts
Gasket
Bushing
Aluminum alloy
PPS
Copper alloy
Silicone Rubber
Chloroprene rubber
Black chromate
Color: Black
Silver plating
Color: Black
Color: Black
-------------------
UL94V-0
-------------------
-------------------
-------------------
Item
Material
Finish
Remarks
sAdditional Product Information
1. Product number suffixes
(10) Supplied with a wire hole in the locking ring (to prevent loosening of the ring).
(11) Supplied without the wire hole in the locking ring.
2. Corresponding receptacles.
18-10 Size: Part number H/MS3102A18-10P-D-T1(10)
22-22 Size: Part number H/MS3102A22-22P-D-T(10)
No electrical discontinuity for 10 ms max.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl