Selected language     English  ▼


H-MS3057-12A73 Datasheet(PDF) 3 Page - Hirose Electric

Part No. H-MS3057-12A73
Description  MS type Lower Profile Plug
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

 
 3 page
background image
3
sPlug
A
B
C
18-10S
X
D
41
31
Part Number
CL No.
Number of Contacts
H/MS08A18-10S-DT10D(10)
H/MS08A18-10S-DT10D(11)
H/MS08A18-10S-DT10D1(10)
H/MS08A18-10S-DT10D1(11)
120-0476-3-10
4
Weight
89g
Applicable Cable Diameter
Ø12~Ø14.3mm
Ø10~Ø12.5mm
Contact solder pot inner diameter
2.5mm
120-0476-3-11
120-0481-3-10
120-0481-3-10
Part Number
CL No.
Number of Contacts
H/MS08A18-10S-DT10C(10)
H/MS08A18-10S-DT10C(11)
120-0480-0-10
4
Weight
77.6g
Applicable Cable Diameter
Ø13~Ø14.3mm
Contact solder pot inner diameter
2.5mm
120-0480-0-11
Part Number
CL No.
Number of Contacts
H/MS08A22-22S-DT12D(10)
H/MS08A22-22S-DT12D(11)
H/MS08A22-22S-DT12D1(10)
H/MS08A22-22S-DT12D1(11)
120-0477-6-10
4
Weight
127g
Applicable Cable Diameter
Ø13~Ø15.9mm
Ø10~Ø13.5mm
Contact solder pot inner diameter
4.5mm
120-0477-6-11
120-0482-6-10
120-0482-6-11
Shown one type.
Shown one type.
Shown one type.
A
B
C
18-10S
X
D
41
Ø30
X
B
C
22-22S
D
A
45.8
36
H/MS08A18-10S-DT10D(10)
H/MS08A18-10S-DT10C(10)
H/MS08A22-22S-DT12D(10)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl