Electronic Components Datasheet Search
Selected language     English  â–¼


H-MS3057-12A73 Datasheet(PDF) 4 Page - Hirose Electric

Part No. H-MS3057-12A73
Description  MS type Lower Profile Plug
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

 
 4 page
background image
A
Bushing
Back-shell
Cable
Contacts
Strain relief clamp
Washer
Solder
Insulator/contact assembly
Pre-solder
Conductor portion
B
4
BAssembly Procedures
Outline of assembly
Process
1
2
a. Pass the strain relief clamp, washer, bushing, and hood over the cable, in this order.
b. Prepare the cable and conductors per the dimensions in Table 1.
c. Bend the exposed conductor to the B dimension as indicated in Table 1.
d. Pre-solder the exposed conductor and solder it as shown to the exposed contact.
Note: Use care not to damage the conductor’s insulation.
a. Place over the contact/insulator assembly (in the following order:Back shell, bushing, washer, strain relief clamp).
b. Tighten the Locking ring and Cable clamp to the torque values per Table 2.
c. Tighten the set screw to a torque value of 0.3-0.4 N-m
HRS recommended tool: PB205/1.27 (CL150-0066-3)or equivalent.
d. Using screwdriver tighten the two strain relief clamp screws until both sides of the moveable part are in contact with the cable clamp.
A
B
18-10 Size
Table 1
22-22 Size
24mm
13mm
33mm
15mm
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
®
Locking Ring
Cable Clamp
Table 2
3 to 3.5N • m
5 to 6N • m
4.5 mm min.
Cable
Strain relief clamp
Back-shell
Locking ring
Screw
Clamp
Washer
Bushing
Set screw
(Hexagonal hole opposite side 1.27 mm)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl