Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH33J-19S-0.5SH Datasheet(PDF) 6 Page - Hirose Electric

Part # FH33J-19S-0.5SH
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33J-19S-0.5SH Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH33J-19S-0.5SH Datasheet HTML 2Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 3Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 4Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 5Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 6Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 7Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 8Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 9Page - Hirose Electric FH33J-19S-0.5SH Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
J
6
FH33 Seriesq0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
(A)
K±0.1
J±0.1
1.15±0.1
W±0.1
1
B
0.3±0.05(Land)
0.25±0.05(Metal mask)
(0.2)
(0.2)
0.1 H
H
∞Number of contacts
*
Recommended metal mask thickness = 0.1mm
sRecommended PCB mounting pattern and metal mask dimensions
q1mm pitch type
2-R0.2
1±0.1
0.65±0.1
1±0.1
X±0.1
B±0.1
L±0.1
<under 30 pos.>0.3±0.05
<over 31 pos.>0.3±0.03
sRecommended FPC dimensions
q1mm pitch type
Unit: mm
Part Number
FH33-4S-1SH(**)
FH33-12(6)SB-1SH(**)
FH33J-12(6)SB-1SH(**)
580-1322-1-**
580-1323-4-**
580-1326-2-**
4
6
6
CL No.
Number of Contacts
6.5
8
8
A
3
5
5
B
5.3
6.8
6.8
6.4
7.9
7.9
5
6.5
6.5
1.15
0.65
0.65
1
0.5
0.5
K
L
W
X


Similar Part No. - FH33J-19S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33J-19S-0.5SH HIROSE-FH33J-19S-0.5SH Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH33J-19S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com