Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH19SC-08S-0.5SH05 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH19SC-08S-0.5SH05
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19SC-08S-0.5SH05 Datasheet(HTML) 2 Page - Hirose Electric

  FH19SC-08S-0.5SH05 Datasheet HTML 1Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 2Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 3Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 4Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 5Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 6Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 7Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 8Page - Hirose Electric FH19SC-08S-0.5SH05 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FH19C & FH19SC Seriesq0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH 19 C - 30S - 0.5 SH (05)
1
2
3
4
5
7
6
sProduct Specifications
Rating
Current rating 0.5 A (Note1)
Voltage rating 50 V AC
Operating temperature range
-55ç to +85ç (Note 2)
Operating humidity range
Relative humidity 90% max. (No condensation)
Storage temperature range
-10ç to +50ç (Note 3)
Storage humidity range
Relative humidity 90% max. (No condensation)
sMaterials
Note 1: When passing the current through all of the contacts, use 70% of the current rating.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.Information
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
Item
Specification
Conditions
1. Insulation resistance
500 M ohms min.
100 V DC
2. Withstanding voltage
No flashover or insulation breakdown
150 V AC/1 minute
3. Contact resistance
100 m ohms max.
1 mA
*Including FPC/FFC conductor resistance
4. Durability
Contact resistance: 100 m ohms max.
20 cycles
(insertion/ withdrawal)
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1 µs or more.
5. Vibration
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1 µs. min.
6. Shock
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
7. Humidity
Contact resistance: 100 m ohms max.
(Steady state)
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts dislocation.
Contact resistance: 100 m ohms max.
8. Temperature cycle
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts dislocation.
9. Resistance to
No deformation of components affecting performance.
Reflow: At the recommended temperature profile
soldering heat
Manual soldering: 350ç±5ç for 5 seconds
96 hours at temperature of 40ç and humidity of
90 to 95%
Temperature: -55ç / +15ç to +35ç / +85ç / +15ç to +35ç
Time
: -30 /
2 to 3
/ +30 / 2 to 3(Minutes)
5 cycles
Acceleration of 981 m/s2, 6 ms duration, sine half-
wave waveform, 3 cycles in each of the 3 axis.
Frequency: 10 to 55 Hz, single amplitude of
0.75mm, 10 cycles in each of the 3 directions
sOrdering information
Recommended
FPC, FFC
FH19C Series
FH19SC Series
Thickness: = 0.2 ± 0.03mm Gold plated
Thickness: = 0.3 ± 0.03mm Gold plated
Insulator
LCP
Color: Beige
Actuator
PPS/LCP
UL94V-0
Contacts
Phosphor bronze
Gold plated
-------
Metal fittings
Phosphor bronze
Pure tin reflow plated
-------
Part
Material
Finish
Remarks
Color: Brown (FH19C Series)
Color: Black (FH19SC Series)
Series name :
FH
Series No. :
19
C :
FPC/FFC thickness : 0.2mm
SC :
FPC/FFC thickness : 0.3mm
No. of contacts : 4 to 50
Contact pitch : 0.5mm
Terminal type
SH: SMT horizontal mounting type
Material and plating specifications :
1
2
5
3
6
4
7
Actuator material
FH19C
FH19SC
4 to 10 pos.
FH19SC
11 to 50 pos.
Contact: Gold plated
Contact: Gold plating with nickel barrier
Contact: Gold plated
Contact: Gold plating with nickel barrier
Contact: Gold plated
Contact: Gold plating with nickel barrier
PPS
LCP
------
------
(05)
(06)
------
------
(05)
(10)
------
------
(05)
(09)
Halogen Free
YES
NO
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH19SC-08S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19SC-12S-0.5SH HIROSE-FH19SC-12S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-13S-0.5SH HIROSE-FH19SC-13S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-14S-0.5SH HIROSE-FH19SC-14S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-15S-0.5SH HIROSE-FH19SC-15S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-16S-0.5SH HIROSE-FH19SC-16S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results

Similar Description - FH19SC-08S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com