Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH33MHJ-65S-0.4SH Datasheet(PDF) 9 Page - Hirose Electric

Part # FH33MHJ-65S-0.4SH
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33MHJ-65S-0.4SH Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH33MHJ-65S-0.4SH Datasheet HTML 5Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 6Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 7Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 8Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 9Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 10Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 11Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 12Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FH33 Seriesq0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Unit: mm
Part Number
FH33-6S-0.5SH (**)
FH33-9S-0.5SH (**)
FH33-10S-0.5SH (**)
FH33-12S-0.5SH (**)
FH33-14S-0.5SH (**)
FH33-19S-0.5SH (**)
FH33-20S-0.5SH (**)
FH33-26S-0.5SH (**)
FH33-28S-0.5SH (**)
FH33-30S-0.5SH (**)
FH33-32S-0.5SH (**)
FH33-36S-0.5SH (**)
FH33-40S-0.5SH (**)
FH33-45S-0.5SH (**)
FH33M-16S-0.4SH (**)
FH33J-4S-0.5SH (**)
FH33J-10S-0.5SH (**)
FH33J-12S-0.5SH (**)
FH33J-16S-0.5SH (**)
FH33J-18S-0.5SH (**)
FH33J-19S-0.5SH (**)
FH33J-40S-0.5SH (**)
FH33MHJ-65S-0.4SH (**)
FH33-4S-1SH (**)
FH33-12(6)S-1SH (**)
FH33J-12(6)S-1SH (**)
580-1301-1-**
580-1303-7-**
580-1304-0-**
580-1302-4-**
580-1305-2-**
580-1307-8-**
580-1317-1-**
580-1306-5-**
580-1300-9-**
580-1312-8-**
580-1310-2-**
580-1311-5-**
580-1308-0-**
580-1316-9-**
580-1319-7-**
580-1329-0-**
580-1324-7-**
580-1328-8-**
580-1331-2-**
580-1334-0-**
580-1332-5-**
580-1330-0-**
580-1325-0-**
580-1322-1-**
580-1323-4-**
580-1326-2-**
6
9
10
12
14
19
20
26
28
30
32
36
40
45
16
4
10
12
16
18
19
40
65
4
6
6
16
16
16
16
16
24
24
24
24
24
32
32
44
44
24
16
16
16
24
24
24
44
44
16
16
16
7.5
7.5
7.5
7.5
7.5
11.5
11.5
11.5
11.5
11.5
14.2
14.2
20.2
20.2
11.5
7.5
7.5
7.5
11.5
11.5
11.5
20.2
20.2
7.5
7.5
7.5
--------
--------
--------
--------
--------
--------
--------
--------
--------
--------
28.4
28.4
40.4
40.4
--------
--------
--------
--------
--------
--------
--------
40.4
40.4
--------
--------
--------
5.3
6.8
7.3
8.3
9.3
11.8
12.3
15.3
16.3
17.3
18.3
20.3
22.3
24.8
8.6
4.3
7.3
8.3
10.3
11.3
11.8
22.3
28.2
6.8
8.3
8.3
CL No.
Number of Contacts
M
N
P
Q
17.4
17.4
17.4
17.4
17.4
25.4
25.4
25.4
25.4
25.4
33.4
33.4
45.4
45.4
25.4
17.4
17.4
17.4
25.4
25.4
25.4
45.4
45.4
17.4
17.4
17.4
21.4
21.4
21.4
21.4
21.4
29.4
29.4
29.4
29.4
29.4
37.4
37.4
49.4
49.4
29.4
21.4
21.4
21.4
29.4
29.4
29.4
49.4
49.4
21.4
21.4
21.4
R
S
Note 1: Tape-and-reel packaging (5,000 pieces/reel).
Order by number of reels.


Similar Part No. - FH33MHJ-65S-0.4SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33MHJ-65S-0.4SH HIROSE-FH33MHJ-65S-0.4SH Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH33MHJ-65S-0.4SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com