Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JU1215 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # JU1215
Description  LM-80 Certified High power DC COB & high efficiency
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

JU1215 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button JU1215 Datasheet HTML 7Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 8Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 9Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 10Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 11Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 12Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 13Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 14Page - Everlight Electronics Co., Ltd JU1215 Datasheet HTML 15Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DATASHEET
JU1215
9V/4W 3S8P Series
11 Copyright © 2012, Everlight All Rights Reserved. Release Date: Jun.19.2013 Issue No: DHE-0002050 Rev: 2
www.everlight.com
6500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
65K-1
0.312
0.339
65K-2
0.303
0.330
0.313
0.329
0.305
0.321
0.321
0.337
0.313
0.329
0.321
0.348
0.312
0.339
Reference Range: 6020~6500K
Reference Range: 6500~7050K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
65K-4
0.313
0.329
65K-3
0.305
0.321
0.315
0.319
0.307
0.311
0.322
0.326
0.315
0.319
0.321
0.337
0.313
0.329
Reference Range: 6020~6500K
Reference Range: 6500~7050K
Notes:
1.
Color coordinates measurement allowance : ±0.01


Similar Part No. - JU1215

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU1215 EVERLIGHT-JU1215 Datasheet
880Kb / 27P
   9V/4W 3S8P Series
JU1215-CDEFGHJ-KLMNP-QRST EVERLIGHT-JU1215-CDEFGHJ-KLMNP-QRST Datasheet
880Kb / 27P
   9V/4W 3S8P Series
JU1215-GT507K6-09804-450T EVERLIGHT-JU1215-GT507K6-09804-450T Datasheet
1Mb / 27P
   JU1215
JU1215-GT507K6-09804-450T EVERLIGHT-JU1215-GT507K6-09804-450T Datasheet
880Kb / 27P
   9V/4W 3S8P Series
JU1215-GT577K6-09804-450T EVERLIGHT-JU1215-GT577K6-09804-450T Datasheet
1Mb / 27P
   JU1215
More results

Similar Description - JU1215

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045GA0 EVERLIGHT-EAHP3045GA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045OA0 EVERLIGHT-EAHP3045OA0 Datasheet
890Kb / 23P
   LM-80 Certified
EAHP3535BA0 EVERLIGHT-EAHP3535BA0 Datasheet
875Kb / 23P
   LM-80 Certified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com