Electronic Components Datasheet Search |
|
PIC16LF87XT-20EL Datasheet(PDF) 9 Page - Microchip Technology |
|
PIC16LF87XT-20EL Datasheet(HTML) 9 Page - Microchip Technology |
9 / 218 page 1998-2013 Microchip Technology Inc. DS30292D-page 9 PIC16F87X PORTC is a bi-directional I/O port. RC0/T1OSO/T1CKI 15 16 32 I/O ST RC0 can also be the Timer1 oscillator output or a Timer1 clock input. RC1/T1OSI/CCP2 16 18 35 I/O ST RC1 can also be the Timer1 oscillator input or Capture2 input/Compare2 output/PWM2 output. RC2/CCP1 17 19 36 I/O ST RC2 can also be the Capture1 input/Compare1 output/PWM1 output. RC3/SCK/SCL 18 20 37 I/O ST RC3 can also be the synchronous serial clock input/ output for both SPI and I2C modes. RC4/SDI/SDA 23 25 42 I/O ST RC4 can also be the SPI Data In (SPI mode) or data I/O (I2C mode). RC5/SDO 24 26 43 I/O ST RC5 can also be the SPI Data Out (SPI mode). RC6/TX/CK 25 27 44 I/O ST RC6 can also be the USART Asynchronous Transmit or Synchronous Clock. RC7/RX/DT 26 29 1 I/O ST RC7 can also be the USART Asynchronous Receive or Synchronous Data. PORTD is a bi-directional I/O port or parallel slave port when interfacing to a microprocessor bus. RD0/PSP0 19 21 38 I/O ST/TTL(3) RD1/PSP1 20 22 39 I/O ST/TTL(3) RD2/PSP2 21 23 40 I/O ST/TTL(3) RD3/PSP3 22 24 41 I/O ST/TTL(3) RD4/PSP4 27 30 2 I/O ST/TTL(3) RD5/PSP5 28 31 3 I/O ST/TTL(3) RD6/PSP6 29 32 4 I/O ST/TTL(3) RD7/PSP7 30 33 5 I/O ST/TTL(3) PORTE is a bi-directional I/O port. RE0/RD/AN5 8 9 25 I/O ST/TTL(3) RE0 can also be read control for the parallel slave port, or analog input5. RE1/WR/AN6 9 10 26 I/O ST/TTL(3) RE1 can also be write control for the parallel slave port, or analog input6. RE2/CS/AN7 10 11 27 I/O ST/TTL(3) RE2 can also be select control for the parallel slave port, or analog input7. VSS 12,31 13,34 6,29 P — Ground reference for logic and I/O pins. VDD 11,32 12,35 7,28 P — Positive supply for logic and I/O pins. NC — 1,17,28, 40 12,13, 33,34 — These pins are not internally connected. These pins should be left unconnected. TABLE 1-2: PIC16F874 AND PIC16F877 PINOUT DESCRIPTION (CONTINUED) Pin Name DIP Pin# PLCC Pin# QFP Pin# I/O/P Type Buffer Type Description Legend: I = input O = output I/O = input/output P = power — = Not used TTL = TTL input ST = Schmitt Trigger input Note 1: This buffer is a Schmitt Trigger input when configured as an external interrupt. 2: This buffer is a Schmitt Trigger input when used in Serial Programming mode. 3: This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel Slave Port mode (for interfacing to a microprocessor bus). 4: This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise. |
Similar Part No. - PIC16LF87XT-20EL |
|
Similar Description - PIC16LF87XT-20EL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |