Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX18-140S-0.8SV15 Datasheet(PDF) 8 Page - Hirose Electric

Part # FX18-140S-0.8SV15
Description  10Gbps 0.8mm pitch Board to Board Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX18-140S-0.8SV15 Datasheet(HTML) 8 Page - Hirose Electric

Back Button FX18-140S-0.8SV15 Datasheet HTML 4Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 5Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 6Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 7Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 8Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 9Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 10Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 11Page - Hirose Electric FX18-140S-0.8SV15 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FX18 Series10+Gbps 0.8mm pitch Board to Board Connectors
Part Number
HRS No.
A
B
C
D
E
F
G
H(pos.)
FX18-40S-0.8SV15
CL579-0026-3
27.9
25
15.2
18.4
26.05
20
21
40
FX18-60S-0.8SV15
CL579-0027-6
35.9
33
23.2
26.4
34.05
30
31
60
FX18-80S-0.8SV15
CL579-0028-9
43.9
41
31.2
34.4
42.05
40
41
80
FX18-100S-0.8SV15
––––––
51.9
49
39.2
42.4
50.05
50
51
100
FX18-120S-0.8SV15
CL579-0029-1
59.9
57
47.2
50.4
58.05
60
61
120
FX18-140S-0.8SV15
―――
67.9
65
55.2
58.4
66.05
70
71
140
indicates "available". No marking, "under development"
Straight Receptacle(20type)
Straight Receptacle(15type)
No.H
No.G
No.1
No.F
C±0.2
0.35±0.1
P= 0.8±0.15
B±0.15
A±0.2
E±0.25
D±0.25
No.F
No.1
No.G
No.H
C±0.2
D±0.25
E±0.25
A±0.2
B±0.15
P=0.8±0.15 0.35±0.1
All dimensions in mm
Part Number
HRS No.
A
B
C
D
E
F
G
H(pos.)
FX18-40S-0.8SV20
CL579-0030-0
27.9
25
15.2
18.4
26.05
20
21
40
FX18-60S-0.8SV20
CL579-0031-3
35.9
33
23.2
26.4
34.05
30
31
60
FX18-80S-0.8SV20
CL579-0032-6
43.9
41
31.2
34.4
42.05
40
41
80
FX18-100S-0.8SV20
―――
51.9
49
39.2
42.4
50.05
50
51
100
FX18-120S-0.8SV20
CL579-0033-9
59.9
57
47.2
50.4
58.05
60
61
120
FX18-140S-0.8SV20
―――
67.9
65
55.2
58.4
66.05
70
71
140
indicates "available". No marking, "under development"
All dimensions in mm


Similar Part No. - FX18-140S-0.8SV15

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX1-144P-1.27DS HIROSE-FX1-144P-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSA HIROSE-FX1-144P-1.27DSA Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSAL HIROSE-FX1-144P-1.27DSAL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSL HIROSE-FX1-144P-1.27DSL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
More results

Similar Description - FX18-140S-0.8SV15

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
Hirose Electric
DF52 HIROSE-DF52 Datasheet
271Kb / 6P
   0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com