Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3431 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3431
Description  3M Pak 100 4-Wall Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3431 Datasheet(HTML) 2 Page - 3M Electronics

  3431 Datasheet HTML 1Page - 3M Electronics 3431 Datasheet HTML 2Page - 3M Electronics 3431 Datasheet HTML 3Page - 3M Electronics 3431 Datasheet HTML 4Page - 3M Electronics 3431 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPak 100 4-Wall Header
.100
″ × .100″ Latch/Ejector, Straight and Right Angle
3000 Series
-X202
Header with
Short Ejector/Latch
for 3M Sockets without
Strain Relief
-X302
Header with
Long Ejector/Latch
for 3M Sockets with
Strain Relief
TS-0772-04
Sheet 2 of 4
.025
± .002 Sq Typ
[ 0.64 ]
D
.020
[0.51]
.12
[3.0]
Position 1
.100 Ref
[2.54]
.28
[7.1]
Position 1
Orientation
Triangle
.21
[5.3]
.24
[6.1]
.30
[7.6]
.0245 Typ
.112
± .010
[2.84]
.049 Ref
[1.24]
.100 Ref
[2.54]
2X ø .100
[2.54]
(See Note 2)
A
C
.16
[4.1]
Notch C
(See Table 1 & Note 1)
Notch B
(See Table 1)
Notch A
(See Table 1 & Note1)
B
B
Section B-B
.100 Ref
[2.54]
(Right Angle)
.68
[17.3]
.35
[8.9]
.020
[0.51]
A
A
.0245 Typ
Section A-A
(Straight)
.112
± .010
[2.84]
.30
[7.6]
.24
[6.1]
.025
± .002 Sq Typ
[ 0.64 ]
B
2X ø.100
[2.54]
(See Note 2)
“Y”
CL
“Y”
CL
.25
[6.4]
.34
[8.3]
.197
[5.00]
.20
[5.1]
.424
± .010
[ 10.77 ]
.573
± .010
[ 14.55 ]
.08
[2.0]
.97 Ref
[24.6]
.08
[2.0]
.37 Ref
[9.4]
.46 Ref
[11.7]
1.07 Ref
[27.2]


Similar Part No. - 3431

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3431 3M-3431 Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
3431 3M-3431 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
Heyco.
3431 HEYCO-3431 Datasheet
106Kb / 1P
   Beaded Ties
logo
3M Electronics
3431-5305 3M-3431-5305 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
   3M??Three-Wall Condo Header .100 횞 .100 Right Angle
More results

Similar Description - 3431

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3000 3M-3000 Datasheet
682Kb / 5P
   3M??Pak 100 4-Wall Header
3341-6 3M-3341-6 Datasheet
170Kb / 4P
   3M Pak 100 Header Accessories .100??횞 .100??Latch/Ejector
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
   3M??Three-Wall Condo Header .100 횞 .100 Right Angle
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com