Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N102A0-52B3VC Datasheet(PDF) 3 Page - 3M Electronics

Part # N102A0-52B3VC
Description  3M Mini D Ribbon (MDR) Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N102A0-52B3VC Datasheet(HTML) 3 Page - 3M Electronics

  N102A0-52B3VC Datasheet HTML 1Page - 3M Electronics N102A0-52B3VC Datasheet HTML 2Page - 3M Electronics N102A0-52B3VC Datasheet HTML 3Page - 3M Electronics N102A0-52B3VC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050
″ Boardmount Thru-Hole Right Angle Receptacle-Shielded
102 Series
(Viewed from Connector Side for 20, 36, 40, 68, 80 and 100 position only)
Recommended Board Layout
Position 3
Position 2
Position 1
Ground Lock*: .102
± .003 Dia 2X
[ 2.60 ]
Screw Lock: .110
± .003 Dia (14-40 pos) 2X
[ 2.8 ]
Screw Lock: .125
± .003 Dia. (50-100 pos) 2X
[ 3.2 ]
* Plated thru hole for .063
″ board thickness
.075
[ 1.90 ]
Edge of PC Board
.18 Max
[ 4.7 ]
.16
[ 4.0 ]
.20
[ 5.0 ]
.050 Typ
[ 1.27 ]
Last Position
.19
[ 4.9 ]
.16
[ 4.1 ]
.028
± .003 Dia
[ 0.78 ]
.075
[ 1.90 ]
B
± .004
A
Position
Position 3
Position 2
Position 1
.075 Typ
[ 1.90 ]
Edge of PC Board
.18 Max
[ 4.7 ]
.16
[ 4.0 ]
B
± .004
A
.028
± .003 Dia
[ 0.70 ]
.075
[ 1.90 ]
.16
[ 4.1 ]
.19
[ 4.9 ]
.050 Typ
[ 1.27 ]
.20
[ 5.0 ]
Last Position
Ground Lock*: .102
± .003 Dia 2X
[ 2.60 ]
Screw Lock: .110
± .003 Dia (14-40 pos) 2X
[ 2.8 ]
Screw Lock: .125
± .003 Dia. (50-100 pos) 2X
[ 3.2 ]
* Plated thru hole for .063
″ board thickness
(For 14, 26 and 50 position only)
Position
Recommended Board Layout
TS-0531-13
Sheet 3 of 3
.319
± .004
[ 8.1 ]
C
± .004
R .060
[ 1.5 ]
D
± .004
Recommended Panel Cut-out
Note: Panel thickness .079 [ 2.00 ] Max.
AB
20
0.450 [ 11.43 ]
1.081 [ 27.45 ]
36
0.850 [ 21.59 ]
1.481 [ 37.61 ]
40
0.950 [ 24.13 ]
1.581 [ 40.15 ]
68
1.650 [ 41.91 ]
2.281 [ 57.93 ]
80
1.950 [ 49.53 ]
2.581 [ 65.55 ]
100
2.450 [ 62.23 ]
3.081 [ 78.25 ]
Contact
Quantity
Dimensions
AB
14
0.300 [ 7.62 ]
0.931 [ 23.64 ]
26
0.600 [ 15.24 ]
1.231 [ 31.26 ]
50
1.200 [ 30.48 ]
1.831 [ 46.50 ]
Contact
Quantity
Dimensions
CD
14
.78 [ 19.9 ]
.93 [ 23.64 ]
20
.94 [ 23.8 ]
1.08 [ 27.45 ]
26
1.09 [ 27.6 ] 1.23 [ 31.26 ]
36
1.33 [ 33.9 ] 1.48 [ 37.61 ]
40
1.44 [ 36.5 ] 1.58 [ 40.15 ]
50
1.69 [ 42.8 ] 1.83 [ 46.50 ]
68
2.13 [ 54.2 ] 2.28 [ 57.93 ]
80
2.44 [ 61.9 ] 2.58 [ 65.55 ]
100
2.94 [ 74.6 ] 3.08 [ 78.25 ]
Contact
Quantity
Dimensions


Similar Part No. - N102A0-52B3VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N102A0-6202PC 3M-N102A0-6202PC Datasheet
373Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
N102A0-6212PC 3M-N102A0-6212PC Datasheet
373Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - N102A0-52B3VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com