Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB21K00103KBB Datasheet(PDF) 1 Page - AVX Corporation

Part # NB21K00103KBB
Description  NTC SMD Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NB21K00103KBB Datasheet(HTML) 1 Page - AVX Corporation

  NB21K00103KBB Datasheet HTML 1Page - AVX Corporation NB21K00103KBB Datasheet HTML 2Page - AVX Corporation NB21K00103KBB Datasheet HTML 3Page - AVX Corporation NB21K00103KBB Datasheet HTML 4Page - AVX Corporation NB21K00103KBB Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
14
NTC SMD Thermistors
With Nickel Barrier Termination NB 21 - NB 23
Types
NB 21
NB 23
IEC SIZE : 0603
IEC SIZE : 0402
Terminations
Nickel Barrier
Marking
On packaging only
Climatic category
40/125/56
Operating temperature
-55°C to +150°C
Tolerance on Rn (25°C)
±5%, ±10%, ±20%
Maximum dissipation at 25°C
0.07 W
0.06 W
Thermal dissipation factor
1 mW/°C
0.8 mW/°C
Thermal time constant
4 s
3 s
Chip thermistors are high quality and low cost devices
especially developed for surface mounting applications. They
are widely used for temperature compensation but can also
achieve temperature control of printed circuits.
A nickel barrier metallization provides outstanding qualities of
solderability and enables this chip to meet the requirements
of the most severe soldering processes.
APPLICATIONS
• LCD compensation
• Battery packs
• Mobile phones
• CD players
• Heating systems
• Air-conditioning systems
• Temperature control of Switch Mode Power Supplies
• Compensation of pressure sensors
• Protection of power transistors in various electronic circuits
1.6 (.063) 0.2 (.008)
0.8 (.031)
±0.2 (.008)
0.8 (.031)
±0.2 (.008)
0.2 (.008) min
0.2 (.008) min
1.0 ± 0.1 (0.04 ± 0.004)
0.40 ± 0.1
(0.02 ±0.004)
0.60 (0.024) max
0.25 (0.10) min
0.25 (0.10) min
Resistance - Temperature characteristics: pages 36 to 40.
HOW TO ORDER
NB 21
Type
K 0
Material Code
K
(See tables page 15)
0103
Resistance
10,000
M
Tolerance
M (±20%)
J (±5%)
K (±10%)
BB
Suffix: Packaging
– –: Bulk
BB: Cardboard tape
(180mm diam. reel)
BF: Cardboard tape (1/2 reel)
BD: Cardboard tape
(330mm diam. reel)
DIMENSIONS:
millimeters (inches)


Similar Part No. - NB21K00103KBB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
More results

Similar Description - NB21K00103KBB

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com