Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75345S3S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HUFA75345S3S
Description  75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75345S3S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HUFA75345S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75345S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
HUFA75345G3, HUFA75345P3, HUFA75345S3S Rev. B1
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs, VGS = 10V, ID = 75A
200
DUTY CYCLE = 0.5% MAX
-80
-40
0
40
80
120
160
0.4
0.6
0.8
1.0
1.2
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
200
1.2
1.1
1.0
0.9
0.8
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
200
1.3
4000
2000
0
010
20
30
40
50
3000
VDS, DRAIN TO SOURCE VOLTAGE (V)
1000
CISS
COSS
CRSS
60
5000
6000
7000
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
10
8
6
4
0
VDD = 30V
2
75
100
125
0
Qg, GATE CHARGE (nC)
25
50
ID = 75A
ID = 55A
ID = 35A
ID = 20A
WAVEFORMS IN
DESCENDING ORDER:
HUFA75345G3, HUFA75345P3, HUFA75345S3S


Similar Part No. - HUFA75345S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75343G3 FAIRCHILD-HUFA75343G3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343P3 FAIRCHILD-HUFA75343P3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343S3S FAIRCHILD-HUFA75343S3S Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75345S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75345G3 INTERSIL-HUF75345G3 Datasheet
100Kb / 9P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343G3 FAIRCHILD-HUFA75343G3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com