Electronic Components Datasheet Search |
|
SE013C107ZAA Datasheet(PDF) 1 Page - AVX Corporation |
|
SE013C107ZAA Datasheet(HTML) 1 Page - AVX Corporation |
1 / 2 page 53 SMPS Capacitors (SE Style) Extended Commercial Radial Range SE 01 3 C 125 M A A * Style Size See chart below Voltage 25V = 3 50V = 5 100V = 1 Temperature Coefficient X7R = C Capacitance Code (2 significant digits + no. of zeros) 22 nF = 223 220 nF = 224 1 μF = 105 100 μF = 107 Capacitance Tolerance X7R: K = ±10% M = ±20% Z = +80, -20% Test Level A = Standard B = Hi-Rel* Leads A = Tin/Lead R = RoHS Compliant Packaging (See Note 1) Note 1: No suffix signifies bulk packaging, which is AVX standard packaging. Parts available tape and reel per EIA- 468. Use suffix “TR1” if tape & reel is required. Note: Capacitors with X7R dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal. Contact plant for recommendations. *Hi-Rel screening consists of 100% Group A, Subgroup 1 per MIL-PRF-39014. PRODUCT OFFERING – X7R AVX SE styles offer capacitance extension to popular SK ranges. The CV product for SE-series, X7R capacitors (TCC: ±15% over -55 to +125°C) compares favorably to high CV ranges offered by other suppliers in much less stable Y5U dielectric (TCC: +22/-56% over -30 to +85°C). SE style capacitors are conformally coated and are designed for input and output filtering applications in switch mode power supplies. Temperature Coefficient X7R: Temperature Coefficient ±15%, -55° to +125°C Capacitance Test (MIL-STD-202 Method 305) X7R: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz Dissipation Factor 25°C X7R: 2.5% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz Insulation Resistance 25°C (MIL-STD-202 Method 302) X7R: 100K MΩ or 1000 MΩ-μF, whichever is less. Insulation Resistance 125°C (MIL-STD-202 Method 302) X7R: 10K MΩ or 100 MΩ-μF, whichever is less. Dielectric Withstanding Voltage 25°C (Flash Test) X7R: 250% rated voltage for 5 seconds with 50 mA max charging current. Life Test (1000 hrs) X7R: 200% rated voltage at +125°C Moisture Resistance (MIL-STD-202 Method 106) X7R: Ten cycles with no voltage applied. Thermal Shock (MIL-STD-202 Method 107, Condition A) Immersion Cycling (MIL-STD-202 Method 104, Condition B) Resistance To Solder Heat (MIL-STD-202, Method 210, Condition B, for 20 seconds) ELECTRICAL SPECIFICATIONS TAPE & REEL QUANTITY Part Pieces SE01 2000 SE03/SE53 1000 SE04/SE54 1000 SE05/SE55 500 SE06/SE56 500 RoHS Part Available SE01 Yes SE03/SE53 Yes SE04/SE54 Yes SE05/SE55 Yes SE06/SE56 Yes HOW TO ORDER |
Similar Part No. - SE013C107ZAA |
|
Similar Description - SE013C107ZAA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |