Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP348AEMTTBG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP348AEMTTBG
Description  Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP348AEMTTBG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP348AEMTTBG Datasheet HTML 5Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 6Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 7Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 8Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 9Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 10Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 11Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 12Page - ON Semiconductor NCP348AEMTTBG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP348, NCP348AE
http://onsemi.com
10
Undervoltage Lockout (UVLO)
To ensure proper operation under any conditions, the
device has a built−in undervoltage lockout (UVLO) circuit.
During Vin positive going slope, the output remains
disconnected from input until Vin voltage is below 3.25 V
(NCP348MTT version), plus hysteresis, nominal. The
FLAG output is tied to low as long as Vin does not reach
UVLO threshold. This circuit has a 50 mV hysteresis to
provide noise immunity to transient condition. Additional
UVLO thresholds ranging from UVLO can be
manufactured. (See Selection Guide on page 12) Contact
your ON Semiconductor representative for availability.
Overvoltage Lockout (OVLO)
To protect connected systems on Vout pin from
overvoltage, the device has a built−in overvoltage lockout
(OVLO) circuit. During overvoltage condition, the output
remains disabled as long as the input voltage exceeds 6.4 V
typical (NCP348MTT version). Additional OVLO
thresholds ranging from OVLO can be manufactured. (See
Selection Guide on page 12) Contact your ON
Semiconductor representative for availability.
FLAG output is tied to low until Vin is higher than OVLO.
This circuit has a 100 mV hysteresis to provide noise
immunity to transient conditions.
FLAG Output
The NCP348 provides a FLAG output, which alerts
external systems that a fault has occurred.
This pin is tied to low as soon the OVLO threshold is
exceeded or when the Vin level is below the UVLO
threshold. When Vin level recovers normal condition,
FLAG is held high, keeping in mind that an additional
50 ms delay has been added between available output and
FLAG = high. The pin is an open drain output, thus a pull
up resistor (typically 1 M
W, minimum 10 kW) must be
added to Vbat. Minimum Vbat supply must be 2.5 V. The
FLAG level will always reflects Vin status, even if the
device is turned off (EN = 1).
EN Input
To enable normal operation, the EN pin shall be forced
to low or connected to ground. A high level on the pin,
disconnects OUT pin from IN pin. EN does not overdrive
an OVLO or UVLO fault.
Internal NMOS FET
The NCP348 includes an internal Low RDS(on) NMOS
FET to protect the systems, connected on OUT pin, from
positive overvoltage. Regarding electrical characteristics,
the RDS(on), during normal operation, will create low losses
on Vout pin.
As example: Rload = 8.0 W, Vin = 5.0 V
Typical RDS(on) = 65 mW, Iout = 618 mA
Vout = 8 x 0.618 = 4.95 V
NMOS losses = RDS(on) x Iout2 = 0.065 x 0.6182 = 25 mW
ESD Tests
The NCP348 input pin fully supports the IEC61000−4−2.
1.0
mF (minimum) must be connected between Vin and
GND, close to the device.
That means, in Air condition, Vin has a "15 kV ESD
protected input. In Contact condition, Vin has "8.0 kV
ESD protected input.
Please refer to Figure 19 to see the IEC 61000−4−2
electrostatic discharge waveform.
Figure 19. Electrostatic Discharge Waveform
PCB Recommendations
The NCP348 integrates a 2 amperes rated NMOS FET,
and the PCB rules must be respected to properly evacuate
the heat out of the silicon. The PAD1 is internally isolated
from the active silicon and should preferably be connected
to ground. The PAD2 of the NCP348 package is connected
to the internal NMOS drain and can be used to increase the
heat transfer if necessary from an applications standpoint.
Depending upon the power dissipated in the application,
one can either use the PCB tracks connected to Pins 4 and
5 to evacuate heat, or make profit of the PAD2 area to add
extra copper surface to reduce the junction temperature
(See Figure 20). Of course, in any case, this pad shall be not
connected to any other potential. Figure 20 shows copper
area according to RqJA and allows the design of the heat
transfer plane connected to PAD2.


Similar Part No. - NCP348AEMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP348AE ONSEMI-NCP348AE Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
More results

Similar Description - NCP348AEMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com