Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33761SNT1-029 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33761SNT1-029
Description  Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33761SNT1-029 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33761SNT1-029 Datasheet HTML 4Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 5Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 6Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 7Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 8Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 9Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 10Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 11Page - ON Semiconductor MC33761SNT1-029 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MC33761
http://onsemi.com
8
Understanding the Load Transient Improvement
The MC33761 features a novel architecture which allows
the user to easily implement the regulator in burst systems
where the time between two current shots is kept very small.
The quality of the transient response time is related to
many parameters, among which the closed−loop bandwidth
with the corresponding phase margin plays an important
role. However, other characteristics also come into play like
the series pass transistor saturation. When a current
perturbation suddenly appears on the output, e.g. a load
increase, the error amplifier reacts and actively biases the
PNP transistor. During this reaction time, the LDO is in
open−loop and the output impedance is rather high. As a
result, the voltage brutally drops until the error amplifier
effectively closes the loop and corrects the output error.
When the load disappears, the opposite phenomenon takes
place with a positive overshoot. The problem appears when
this overshoot decays down to the LDO steady−state value.
During this decreasing phase, the LDO stops the PNP bias
and one can consider the LDO asleep (Figure 8). If by
misfortune a current shot appears, the reaction time is
incredibly lengthened and a strong undershoot takes place.
This reaction is clearly not acceptable for line sensitive
devices, such as VCOs or other Radio−Frequency parts.
This problem is dramatically exacerbated when the output
current drops to zero rather than a few mA. In this later case,
the internal feedback network is the only discharge path,
accordingly lengthening the output voltage decay period
(Figure 9).
The MC33761 cures this problem by implementing a
clever design where the LDO detects the presence of the
overshoot and forces the system to go back to steady−state
as soon as possible, ready for the next shot. Figure 10 and 11
show how it positively improves the response time and
decreases the negative peak voltage.
Figure 8. A Standard LDO Behavior when the Load
Current Disappears
Figure 9. A Standard LDO Behavior when the Load
Current Appears in the Decay Zone
Figure 10. Without Load Transient Improvement
Figure 11. MC33761 with Load Transient Improvement


Similar Part No. - MC33761SNT1-029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33761SNT1-25 ONSEMI-MC33761SNT1-25 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-28 ONSEMI-MC33761SNT1-28 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-29 ONSEMI-MC33761SNT1-29 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-30 ONSEMI-MC33761SNT1-30 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-50 ONSEMI-MC33761SNT1-50 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
More results

Similar Description - MC33761SNT1-029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
logo
New Japan Radio
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com