Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11A617C.300W Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # H11A617C.300W
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A617C.300W Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11A617C.300W Datasheet HTML 1Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 2Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 3Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 4Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 5Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 6Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 7Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 8Page - Fairchild Semiconductor H11A617C.300W Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/24/03
Page 4 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
5
-50
-25
0
0
0.1
0.2
0.5
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.0
2.0
5
10
20
50
100
.02
.04
.06
.08
.1
.12
.14
25
50
75
100
125
10
15
20
25
IF - FORWARD CURRENT (mA)
30
-50
0.4
0.6
0.8
1
1.2
-25
0
+25
+50
+75
TA - AMBIENT TEMPERATURE (˚C)
TA - AMBIENT TEMPERATURE (˚C)
IF - FORWARD CURRENT (mA)
+100
Fig. 1 Normalized CTR vs. Forward Current
Fig. 3 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig. 2 Normalized CTR vs. Ambient Temperature
Fig. 4 Forward Voltage vs. Forward Current
IF = 20 mA
IC = 1 mA
IF = 10 mA
IF = 5 mA
T = -55˚C
T = 25˚C
T = 100˚C
0
0
5
10
15
20
25
1
23456789
10
VCE - COLLECTOR-EMITTER VOLTAGE (V)
Fig. 5 Collector Current
vs. Collector-Emitter Voltage
IF = 5 mA
IF = 1 mA
IF = 10 mA
IF = 20 mA


Similar Part No. - H11A617C.300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A617C FAIRCHILD-H11A617C Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - H11A617C.300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com