Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75623P3 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HUFA75623P3
Description  22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75623P3 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HUFA75623P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75623P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75623P3, HUFA75623S3ST Rev. B
HUFA75623P3, HUFA75623S3ST
22A, 100V, 0.064 Ohm, N-Channel,
UltraFET® Power MOSFETs
Packaging
Symbol
Features
• Ultra Low On-Resistance
-rDS(ON) = 0.064Ω, VGS = 10V
• Simulation Models
- Temperature Compensated PSPICE® and SABER™
Electrical Models
- Spice and SABER Thermal Impedance Models
- www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Faircild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
HUFA75623P3
JEDEC TO-220AB
JEDEC TO-263AB
HUFA75623S3ST
GATE
SOURCE
DRAIN
(FLANGE)
D
G
S
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUFA75623P3
TO-220AB
75623P
HUFA75623S3ST
TO-263AB
75623S
NOTE: When ordering, use the entire part number i.e., HUFA75623P3.
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
HUFA75623P3, HUFA75623S3ST
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
100
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
Continuous (TC = 25
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 100
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
22
15
Figure 4
A
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . UIS
Figures 6, 14, 15
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
85
0.57
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief TB334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
NOTE:
1. TJ = 25
oC to 150oC.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
December 2001


Similar Part No. - HUFA75623P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3S FAIRCHILD-HUFA75617D3S Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631S3ST FAIRCHILD-HUFA75631S3ST Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631SK8 FAIRCHILD-HUFA75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUFA75623P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75623P3 INTERSIL-HUF75623P3 Datasheet
99Kb / 9P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFET
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFP22N10 FAIRCHILD-RFP22N10 Datasheet
367Kb / 6P
   22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP22N10 INTERSIL-RFP22N10 Datasheet
49Kb / 6P
   22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com