Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805ZC103KA74A Datasheet(PDF) 4 Page - AVX Corporation

Part # 0805ZC103KA74A
Description  X7R Dielectric General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805ZC103KA74A Datasheet(HTML) 4 Page - AVX Corporation

  0805ZC103KA74A Datasheet HTML 1Page - AVX Corporation 0805ZC103KA74A Datasheet HTML 2Page - AVX Corporation 0805ZC103KA74A Datasheet HTML 3Page - AVX Corporation 0805ZC103KA74A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20
X7R Dielectric
Capacitance Range
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
JJJJJJ
M
2200
JJJJJJ
M
3300
JJJJJJ
M
4700
JJJJJJ
M
6800
JJJJJJ
M
Cap
0.010
JJJJJJ
M
KKKK
M
M
X
X
X
M
P
(μF
0.015
JJJJJJ
P
K
K
K
P
M
M
X
X
X
M
P
0.022
JJJJJJ
Q
K
K
K
P
M
M
X
X
X
M
P
0.033
JJJJJJ
Q
K
K
K
X
M
M
X
X
X
M
P
0.047
JJJJJJ
K
K
K
Z
M
M
X
X
X
M
P
0.068
JJJJJ
M
K
K
K
Z
M
M
X
X
X
M
P
0.10
JJJJJ
M
K
K
K
Z
M
M
X
X
X
M
P
0.15
JJJJ
M
Z
K
K
P
M
M
X
X
X
M
P
0.22
JJJJ
P
Z
K
K
P
M
M
X
X
X
M
P
0.33
JJJJ
Q
K
M
X
M
M
X
X
X
M
P
0.47
MMMM
Q
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
X
M
Q
M
P
X
X
M
P
1.0
N
N
P
X
ZM
XM
P
X
X
M
P
1.5
N
N
ZZZ
ZZ
M
X
X
M
X
2.2
XXZZZ
ZZ
XX
M
3.3
XXZZ
Z
X
Z
4.7
XXZZ
Z
X
Z
10
Z
Z
Z*
Z
22
Z*
Z*
Z
47
100
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
SIZE
1210
1812
1825
2220
2225
L
W
T
t
*Optional Specifications – Contact factory


Similar Part No. - 0805ZC103KA74A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC103KA74A AVX-0805ZC103KA74A Datasheet
338Kb / 20P
   General Specifications
0805ZC103KA74A AVX-0805ZC103KA74A Datasheet
131Kb / 4P
   General Specifications
0805ZC103KA74A AVX-0805ZC103KA74A Datasheet
282Kb / 18P
   Dielectric General Specifications
0805ZC103KA74A AVX-0805ZC103KA74A Datasheet
131Kb / 4P
   General Specifications
0805ZC103KA74A AVX-0805ZC103KA74A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 0805ZC103KA74A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12065C105MAT2A AVX-12065C105MAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C152KAT2A AVX-06035C152KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C153KAT2A AVX-06035C153KAT2A Datasheet
120Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com