Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34063AP1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC34063AP1G
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063AP1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC34063AP1G Datasheet HTML 7Page - ON Semiconductor MC34063AP1G Datasheet HTML 8Page - ON Semiconductor MC34063AP1G Datasheet HTML 9Page - ON Semiconductor MC34063AP1G Datasheet HTML 10Page - ON Semiconductor MC34063AP1G Datasheet HTML 11Page - ON Semiconductor MC34063AP1G Datasheet HTML 12Page - ON Semiconductor MC34063AP1G Datasheet HTML 13Page - ON Semiconductor MC34063AP1G Datasheet HTML 14Page - ON Semiconductor MC34063AP1G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
http://onsemi.com
11
Calculation
Step−Up
Step−Down
Voltage−Inverting
ton/toff
Vout ) VF * Vin(min)
Vin(min) * Vsat
Vout ) VF
Vin(min) * Vsat * Vout
|Vout| ) VF
Vin * Vsat
(ton + toff)
1
f
1
f
1
f
toff
ton ) toff
ton
toff
) 1
ton ) toff
ton
toff
) 1
ton ) toff
ton
toff
) 1
ton
(ton + toff) − toff
(ton + toff) − toff
(ton + toff) − toff
CT
4.0 x 10−5 ton
4.0 x 10−5 ton
4.0 x 10−5 ton
Ipk(switch)
2Iout(max)
ton
toff
) 1
2Iout(max)
2Iout(max)
ton
toff
) 1
Rsc
0.3/Ipk(switch)
0.3/Ipk(switch)
0.3/Ipk(switch)
L(min)
(Vin(min) * Vsat)
Ipk(switch)
ton(max)
(Vin(min) * Vsat * Vout)
Ipk(switch)
ton(max)
(Vin(min) * Vsat)
Ipk(switch)
ton(max)
CO
9
Ioutton
Vripple(pp)
Ipk(switch)(ton ) toff)
8Vripple(pp)
9
Ioutton
Vripple(pp)
Vsat = Saturation voltage of the output switch.
VF = Forward voltage drop of the output rectifier.
The following power supply characteristics must be chosen:
Vin − Nominal input voltage.
Vout − Desired output voltage,
Iout − Desired output current.
fmin − Minimum desired output switching frequency at the selected values of Vin and IO.
Vripple(pp) − Desired peak−to−peak output ripple voltage. In practice, the calculated capacitor value will need to be increased due to its
equivalent series resistance and board layout. The ripple voltage should be kept to a low value since it will directly affect the
line and load regulation.
NOTE: For further information refer to Application Note AN920A/D and AN954/D.
|Vout| + 1.25 1 )
R2
R1
Figure 17. Design Formula Table


Similar Part No. - MC34063AP1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063AP1G ONSEMI-MC34063AP1G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063AP1G ONSEMI-MC34063AP1G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063AP1G ONSEMI-MC34063AP1G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063AP1G ONSEMI-MC34063AP1G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063AP1G ONSEMI-MC34063AP1G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Similar Description - MC34063AP1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com