Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTSH-130-04-F-DV-ES-K Datasheet(PDF) 1 Page - Samtec, Inc

Part # FTSH-130-04-F-DV-ES-K
Description  SMT MICRO HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FTSH-130-04-F-DV-ES-K Datasheet(HTML) 1 Page - Samtec, Inc

  FTSH-130-04-F-DV-ES-K Datasheet HTML 1Page - Samtec, Inc FTSH-130-04-F-DV-ES-K Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1,27 mm) .050"
FTSH SERIES
FTSH–125–01–L–DV–EJ
FTSH–120–01–F–DV
FTSH–110–01–L–DV
WWW.SAMTEC.COM
Mates with:
FFSD, FFTP, CLP,
FLE, SFMC, SFMH
F-213
For complete specifications and
recommended PCB layouts
see www.samtec.com?FTSH
Insulator Material:
Black Liquid
Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Sn or Au over
50µ" (1,27 µm) Ni
Current Rating:
1.75A per contact
@ 80°C ambient
Operating Temp Range:
-55°C to +125°C
RoHS Compliant:
Yes
Processing:
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
–MT & –DV Tail Option:
(0,10 mm) .004" max (02-25)
–MT & –DH Tail Option:
(0,15 mm) .006" max (26-50)
Note: Some sizes, styles and
options are non-standard,
non-returnable.
Note: See SFM/TFM for
positive alignment feature.
LEAD
STYLE
NO. PINS
PER ROW
1
02 thru 50
FTSH
–DV
–EX OPTION SHOWN
–DH
(Styles –01, –02, –04 only)
–MT
(Styles –01, –02 & –04 only)
OPTIONS
–TR OPTION
–ES OPTION
–EJ OPTION
–EP OPTION
–EC OPTION
–P OPTION
–EL OPTION
HORIZONTAL
APPLICATIONS
CLP
FTSH
Ultra-low profile option available.
End Shrouds available.
Call for FTS Series specifications.
ALSO AVAILABLE
LEAD
STYLE
A
–01
(3,05)
.120
–02
(1,91)
.075
–03
(1,65)
.065
–04
(3,81)
.150
–05
(4,32)
.170
SPECIFICATIONS
SMT MICRO HEADER
–01
= (3,05 mm) .120" Post
(Mates with FFSD, CLP–DH)
–02
= (1,91 mm) .075" Post
(Mates with FLE)
–03
= (1,65 mm) .065" Post
(Mates with CLP–D)
–04
= (3,81 mm) .150" Post
(Mates with SFMC, SFMH)
–05
= (4,32 mm) .170" Post
(Mates with CLP–BE)
APPLICATION
SPECIFIC OPTION
Molded Pick & Place pads
and latches available.
Call Samtec.
EXTENDED LIFE PRODUCT
10 year Mixed Flowing Gas with 30µ" Gold
TM
Call Samtec for maximum cycles
(1,27)
.050
(5,84)
.230
A
A
(0,81)
.032
(0,81)
.032
(0,51)
.020
(2,29)
.090
(5,33)
.210
(5,08)
.200
(0,40)
.016
SQ
(1,27)
.050
(2,29)
.090
(2,51)
.099
No. of positions x (1,27) .050 + Z
No. of positions x (1,27) .050 + Z
(4,78)
.188
(5,64)
.222
100
99
02
01
(1,27)
.050
A
(2,92)
.115
(3,43)
.135
01
02
99
100
(1,27) .050
No. of positions x (1,27) .050
OPTION
Z
–ES
(2,57)
.101
–EJ
(15,77)
.621
–EC
(3,33)
.131
–EP
(5,87)
.231
–EL
(6,53)
.257
–EJ OPTION SHOWN
(1,27 mm)
.050"


Similar Part No. - FTSH-130-04-F-DV-ES-K

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FTSH-102-01-F-DH-TR SAMTEC-FTSH-102-01-F-DH-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-01-F-DV-TR SAMTEC-FTSH-102-01-F-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-02-L-DV-TR SAMTEC-FTSH-102-02-L-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-03-F-DV-TR SAMTEC-FTSH-102-03-F-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
FTSH-102-03-L-DV-TR SAMTEC-FTSH-102-03-L-DV-TR Datasheet
272Kb / 1P
   SURFACE MOUNT MICRO HEADER
Rev 10FEB22
More results

Similar Description - FTSH-130-04-F-DV-ES-K

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FTSH-109-03-L-DV SAMTEC-FTSH-109-03-L-DV Datasheet
1Mb / 2P
   SMT MICRO HEADER
FTSH-105-01-F-DV SAMTEC-FTSH-105-01-F-DV Datasheet
1Mb / 2P
   SMT MICRO HEADER
FTE-120-02-G-DV SAMTEC-FTE-120-02-G-DV Datasheet
504Kb / 1P
   SMT MICRO HEADER
FTSH-120-01-F-DV SAMTEC-FTSH-120-01-F-DV Datasheet
1Mb / 2P
   SMT MICRO HEADER
logo
Molex Electronics Ltd.
43045-0818 MOLEX8-43045-0818 Datasheet
115Kb / 1P
   MICRO FIT DUAL ROW VERTICAL SMT HEADER W/NAILS ASSY
logo
Wurth Elektronik GmbH &...
685119248223 WURTH-685119248223 Datasheet
496Kb / 1P
   HORIZONTAL SMT MICRO HDMI
logo
Samtec, Inc
FTMH-120-03-F-DV-ES-P-TR SAMTEC-FTMH-120-03-F-DV-ES-P-TR Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
FTMH-12003-FD-VES SAMTEC-FTMH-12003-FD-VES Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
FTMH-140-03-L-DV SAMTEC-FTMH-140-03-L-DV Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
logo
Wurth Elektronik GmbH &...
685119248123 WURTH-685119248123 Datasheet
507Kb / 1P
   HORIZONTAL SMT MICRO HDMI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com