Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC3329C75C1AR50D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GC3329C75C1AR50D
Description  Chip Monolithic Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC3329C75C1AR50D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GC3329C75C1AR50D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GC3329C75C1AR50D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
!0Package
Code
L
D
K
J
B
C
ø180mm Embossed Taping
ø180mm Paper Taping
ø330mm Embossed Taping
ø330mm Paper Taping
Bulk
Bulk Case
Package
iCapacitance Tolerance
Code
C
D
J
K
M
GCM
GCM
GCM
GCM
GCJ/GCM/GC3
GCM
Series
C0G
C0G
C0G
U2J
X7S, X7T, X7R
X7S, X7R
TC
±0.25pF
±0.5pF
±5%
±10%
±20%
Capacitance Tolerance
V5.0pF
6.0 to 9.0pF
U10pF
E12, 1pF Step *
E12, 1pF Step *
E12 Step
Capacitance Step
E12 Step
E6 Step
E6 Step
* E24 series is also available.
Expressed by three figures.
oIndividual Specification Code


Similar Part No. - GC3329C75C1AR50D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GC332DD72E154KX01 MURATA1-GC332DD72E154KX01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GC332DD72E154KX01L MURATA-GC332DD72E154KX01L Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog AEC-Q200 compliant product
GC332DD72E154KX01L MURATA-GC332DD72E154KX01L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GC332DD72J333KX01 MURATA1-GC332DD72J333KX01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GC332DD72J333KX01L MURATA-GC332DD72J333KX01L Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog AEC-Q200 compliant product
More results

Similar Description - GC3329C75C1AR50D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com