Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD243CG Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD243CG
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD243CG Datasheet(HTML) 2 Page - ON Semiconductor

  BD243CG Datasheet HTML 1Page - ON Semiconductor BD243CG Datasheet HTML 2Page - ON Semiconductor BD243CG Datasheet HTML 3Page - ON Semiconductor BD243CG Datasheet HTML 4Page - ON Semiconductor BD243CG Datasheet HTML 5Page - ON Semiconductor BD243CG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD243B, BD243C (NPN) BD244B, BD244C (PNP)
http://onsemi.com
2
80
60
40
20
0
0
20
40
60
80
100
120
140
160
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
BD243B, BD244B
BD243C, BD244C
VCEO(sus)
80
100
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
BD243B, BD243C, BD244B, BD244C
ICEO
0.7
mAdc
Collector Cutoff Current
(VCE = 80 Vdc, VEB = 0)
BD243B, BD244B
(VCE = 100 Vdc, VEB = 0)
BD243C, BD244C
ICES
400
400
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.3 Adc, VCE = 4.0 Vdc)
(IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
30
15
Collector−Emitter Saturation Voltage
(IC = 6.0 Adc, IB = 1.0 Adc)
VCE(sat)
1.5
Vdc
Base−Emitter On Voltage
(IC = 6.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
1. Pulse Test: Pulsewidth v 300 ms, Duty Cycle v 2.0%.
2. fT = hfe • ftest


Similar Part No. - BD243CG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD243CG ONSEMI-BD243CG Datasheet
147Kb / 6P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 13
BD243CG ONSEMI-BD243CG Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
More results

Similar Description - BD243CG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com